Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-R4R4 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E53-R4R4
Description  Advanced, Compact Digital Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-R4R4 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E53-R4R4 Datasheet HTML 11Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 12Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 13Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 14Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 15Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 16Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 17Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 18Page - Omron Electronics LLC E53-R4R4 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Digital Controller
E5CK
I-77
Setup Mode
2
100
i n - h
0
0
c
no
heat
al-1
al-2
2
n-o
2
n-o
i n - l
d p
d - u
a l 1 n
a l 2 n
i n i t
o u t 1
o u t 2
a l t 2
or-r
o r e U
i n - t
s u b 1
a l t 1
Input Type
Codes are used to determine the input types connected to terminals 6 to 8.
Scaling Upper Limit
Used if the input type connected to the Controller is an analog input (voltage or current input).
Scaling Lower Limit
Used if the input type connected to the Controller is an analog input (voltage or current input).
Decimal Point
Used if the input type connected to the Controller is an analog input (voltage or current input).
°C/°F Selection
Parameter Initialize
Control Output 1 Assignment
Control Output 2 Assignment
Auxiliary Output 1 Assignment
Alarm 1 Type
Alarm 1 Open in Alarm
Alarm 2 Type
Alarm 2 Open in Alarm
Direct/Reverse Operation
Available only when the Controller has an alarm
output (see the table on the next page).
Enables the Controller to have alarm 1, alarm 2, alarm 3, LBA (loop break alarm), error 1, and error 2
outputs.
Enables the Controller to have heating control, cooling control, alarm 1, alarm 2, alarm 3, and LBA
(loop break alarm) outputs.
Enables the Controller to have heating control, cooling control, alarm 1, alarm 2, alarm 3, and LBA
(loop break alarm) outputs.
Used if the input type connected to the Controller is a temperature input (thermocouple or platinum
resistance thermometer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com