Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC751 Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # LC751
Description  Infrared LAMP LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LC751 Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button LC751 Datasheet HTML 2Page - Seoul Semiconductor LC751 Datasheet HTML 3Page - Seoul Semiconductor LC751 Datasheet HTML 4Page - Seoul Semiconductor LC751 Datasheet HTML 5Page - Seoul Semiconductor LC751 Datasheet HTML 6Page - Seoul Semiconductor LC751 Datasheet HTML 7Page - Seoul Semiconductor LC751 Datasheet HTML 8Page - Seoul Semiconductor LC751 Datasheet HTML 9Page - Seoul Semiconductor LC751 Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6. Characteristic Diagrams
IV = f (IF), Ta= 25ºC
5
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL : 82-2-3281-6269
FAX : 82-2-857-5430
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
Ambient Temperature T
a [
oC]
IF = f (VF), Ta= 25ºC
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.3
1
10
100
Forward Voltage V
F [V]
20
40
60
80
100
120
0
20
40
60
80
100
120
Forward Current I
F [mA]
Off Axis Angle vs. Relative Radiant Intensity
Forward Voltage vs. Forward Current
Forward Current vs. Radiant Intensity
Ambient Temperature vs. Forward Current
IF = f (Ta), Ta= 25ºC
Irel = f (θ ), Ta= 25ºC
-90
-60
-30
0
30
60
90
0.0
0.2
0.4
0.6
0.8
1.0
Off Axis Angle [deg.]
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com