Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VFAC3 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # VFAC3
Description  Surface Mount Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

VFAC3 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  VFAC3 Datasheet HTML 1Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Surface Mount Oscillator
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
§ Designed For Gigabit Ethernet Applications
§ Very Low Phase Jitter
§ Miniature Ceramic Package
§ SMD Tri-state Oscillator
§ Industrial Temperature Range Available
§ EMI Shielded
ECM VFAC3 Series
Environmental & Mechanical
Mechanical
Shock
Mil STD 202 Method 213
Cond E
Thermal
Shock
Mil STD 883 Method 1011
Cond A
Vibration
MIL-STD-883 Method 2007
Cond A
Soldering
Condition
260
0C for 10s max:
230
0C for 90s max
Hermetic
Seal
Leak rate less than 5x10
-8
Atm.cc/s of helium
Pin
1
2
3
4
Function
Tristate
GND/ Case
O/P
Vcc
A
B
C
D
E
F
G
H
7.70
5.20
2.29
1.14
5.08
1.27
3.98
1.39
Part Numbering: VFAC3 B H L 1 125.0M
Series
Stability
S= 20ppm A= 25ppm
B= 50ppm Blank = 100ppm
Symmetry
HH=52.5/37.5 H= 45/55
Blank= 40/60
Supply Voltage L=3.3 Blank = 5V
Temperature Range
Blank= 0
0C to +700C
1= -40
0C to +850C
Frequency
Dimensions in mm
Parameter
VFAC3
Frequency Range
80.0MHz to 160.0MHz
Frequency
Stability
+/-100ppm
Supply Voltage
5V +/-5%
3.3V +/-5%
Standard
Option
Supply Current
60mA max
Frequency and load dependant
15pf Load
Load
10TTL gates or 50pF AC Coupled
50R Termination recommended
Duty Cycle
40 / 60 or 45/55
Specify
Rise & Fall Times
1.5nS max
Logic “1” Level
0.9Vcc min
Logic “0” Level
0.1Vcc max
Enable Input
Disable Input
Input HIGH (>2.5V) or floating ACTIVE
Input LOW (<0.5V) INFINITE IMPEDANCE
Start-up Time
10mS max
2mS Typ
Phase Jitter
1pS max
Enable Disable
Time
100nS
10nS available
Specify
Operating Temp
0
0C to +700C (-450 to +850C) Available


Similar Part No. - VFAC3

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFA1104B STANLEY-VFA1104B Datasheet
296Kb / 16P
Single Color PLCC-2 Bathtub Type (High Reliability type, V-Series)
VFA1105W STANLEY-VFA1105W Datasheet
305Kb / 16P
Single Color Dome Lens Type (High Reliability type, V-Series)
logo
MORNSUN Science& Techno...
VFA1205MP-6W MORNSUN-VFA1205MP-6W Datasheet
116Kb / 2P
DIP PACKAGE DC-DC CONVERTER
VFA1212MP-6W MORNSUN-VFA1212MP-6W Datasheet
116Kb / 2P
DIP PACKAGE DC-DC CONVERTER
VFA1215MP-6W MORNSUN-VFA1215MP-6W Datasheet
116Kb / 2P
DIP PACKAGE DC-DC CONVERTER
More results

Similar Description - VFAC3

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
ECXO5 ECM-ECXO5 Datasheet
71Kb / 1P
Surface Mount Oscillator
ECXO91 ECM-ECXO91 Datasheet
70Kb / 1P
Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-532 VISHAY-XOSM-532 Datasheet
136Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-533 VISHAY-XOSM-533 Datasheet
92Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-573 VISHAY-XOSM-573_07 Datasheet
91Kb / 3P
Surface Mount Oscillator
05-Mar-07
XOSM-57 VISHAY-XOSM-57_11 Datasheet
74Kb / 3P
Surface Mount Oscillator
08-Mar-11
XOSM-533 VISHAY-XOSM-533_11 Datasheet
73Kb / 3P
Surface Mount Oscillator
08-Mar-11
XOSM-573 VISHAY-XOSM-573_11 Datasheet
80Kb / 3P
Surface Mount Oscillator
08-Mar-11
logo
ILSI America LLC
I531 ILSI-I531 Datasheet
45Kb / 1P
Surface Mount Oscillator
logo
Vishay Siliconix
XOSM-533 VISHAY-XOSM-533_V01 Datasheet
79Kb / 3P
Surface Mount Oscillator
16-Aug-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com