Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E53-CKB Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E53-CKB
Description  Advanced, Compact Digital Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E53-CKB Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E53-CKB Datasheet HTML 2Page - Omron Electronics LLC E53-CKB Datasheet HTML 3Page - Omron Electronics LLC E53-CKB Datasheet HTML 4Page - Omron Electronics LLC E53-CKB Datasheet HTML 5Page - Omron Electronics LLC E53-CKB Datasheet HTML 6Page - Omron Electronics LLC E53-CKB Datasheet HTML 7Page - Omron Electronics LLC E53-CKB Datasheet HTML 8Page - Omron Electronics LLC E53-CKB Datasheet HTML 9Page - Omron Electronics LLC E53-CKB Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
I-68
Digital Controller
E5CK
Nomenclature
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Operation Indicators
A/M Key
No. 1 Display
No. 2 Display
Up Key/Down Key
Display Key
• OUT1
Lights when the pulse output
function assigned to control
output 1 turns ON.
• OUT2
Lights when the pulse output
function assigned to control
output 2 turns ON.
• SUB1
Lights when the output func-
tion assigned to auxiliary
output 1 turns ON.
• MANU
Lights when the manual op-
eration mode.
• STOP
Lights during operation has
stopped.
• RMT
Lights during remote opera-
tion.
• AT
Flashes during auto-tuning.
Press to select the auto operation or
manual operation.
Press for less than 1 s to shift the
display to the next parameter. When
this key is pressed for 1 s or more,
the menu screen will be displayed in
any case.
Press to increase or decrease the
value on the No.2 display.
Displays the set point, set point dur-
ing SP ramp, manipulated variable,
or parameter settings.
Displays the process value or pa-
rameter symbols.
58
53 x 53
13
100
45
+0.6
0
45
+0.6
0
E5CK
Panel Cutouts
65 min.
60 min.
Note: 1. Recommended panel thickness is 1 to 5 mm.
2. Maintain the specified vertical and horizontal mount-
ing space between each Unit. Units must not be
closely mounted vertically or horizontally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com