Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD706JRZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD706JRZ
Description  Dual Picoampere Input Current Bipolar Op Amp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD706JRZ Datasheet(HTML) 2 Page - Analog Devices

  AD706JRZ Datasheet HTML 1Page - Analog Devices AD706JRZ Datasheet HTML 2Page - Analog Devices AD706JRZ Datasheet HTML 3Page - Analog Devices AD706JRZ Datasheet HTML 4Page - Analog Devices AD706JRZ Datasheet HTML 5Page - Analog Devices AD706JRZ Datasheet HTML 6Page - Analog Devices AD706JRZ Datasheet HTML 7Page - Analog Devices AD706JRZ Datasheet HTML 8Page - Analog Devices AD706JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
REV. G
–2–
AD706–SPECIFICATIONS (@ T
A = +25 C, VCM = 0 V and
15 V dc, unless otherwise noted.)
AD706J/A
Parameter
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
Initial Offset
30
100
µV
Offset
TMIN to TMAX
40
150
µV
vs. Temperature, Average TC
0.2
1.5
µV/°C
vs. Supply (PSRR)
VS =
±2 V to ±18 V
110
132
dB
TMIN to TMAX
VS =
±2.5 V to ±18 V
106
126
dB
Long Term Stability
0.3
µV/Month
INPUT BIAS CURRENT
1
VCM = 0 V
50
200
pA
VCM =
±13.5 V
250
pA
vs. Temperature, Average TC
0.3
pA/
°C
TMIN to TMAX
VCM = 0 V
300
pA
TMIN to TMAX
VCM =
±13.5 V
400
pA
INPUT OFFSET CURRENT
VCM = 0 V
30
150
pA
VCM =
±13.5 V
250
pA
vs. Temperature, Average TC
0.6
pA/
°C
TMIN to TMAX
VCM = 0 V
80
250
pA
TMIN to TMAX
VCM =
±13.5 V
80
350
pA
MATCHING CHARACTERISTICS
Offset Voltage
150
µV
TMIN to TMAX
250
µV
Input Bias Current
2
300
pA
TMIN to TMAX
500
pA
Common-Mode Rejection
106
dB
TMIN to TMAX
106
dB
Power Supply Rejection
106
dB
TMIN to TMAX
104
dB
Crosstalk (Figure 2a)
@ f = 10 Hz
RL = 2 k
Ω
150
dB
FREQUENCY RESPONSE
Unity Gain Crossover Frequency
0.8
MHz
Slew Rate
G = –1
0.15
V/
µs
TMIN to TMAX
0.15
V/
µs
INPUT IMPEDANCE
Differential
40
||2
M
Ω||pF
Common Mode
300
||2
G
Ω||pF
INPUT VOLTAGE RANGE
Common-Mode Voltage
±13.5
±14
V
Common-Mode Rejection Ratio
VCM =
±13.5 V
110
132
dB
TMIN to TMAX
108
128
dB
INPUT CURRENT NOISE
0.1 Hz to 10 Hz
3
pA p-p
f = 10 Hz
50
fA/
√Hz
INPUT VOLTAGE NOISE
0.1 Hz to 10 Hz
0.5
µV p-p
f = 10 Hz
17
nV/
√Hz
f = 1 kHz
15
22
nV/
√Hz
OPEN-LOOP GAIN
VO =
±12 V
RLOAD = 10 k
Ω
200
2000
V/mV
TMIN to TMAX
150
1500
V/mV
VO =
±10 V
RLOAD = 2 k
Ω
200
1000
V/mV
TMIN to TMAX
150
1000
V/mV
OUTPUT CHARACTERISTICS
Voltage Swing
RLOAD = 10 k
Ω±13
±14
V
TMIN to TMAX
±13
±14
V
Current
Short Circuit
±15
mA
Capacitive Load Drive Capability
Gain = +1
10,000
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com