Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8002ARZ-R7
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8002ARZ-R7 Datasheet HTML 13Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 14Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 15Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8002ARZ-R7 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD8002
Data Sheet
Rev. E | Page 18 of 21
APPLICATIONS INFORMATION
LAYOUT CONSIDERATIONS
The specified high speed performance of the AD8002 requires
careful attention to board layout and component selection.
Proper RF design techniques and low parasitic component
selection are mandatory.
Use a ground plane to cover all unused portions of the
component side of the board to provide a low impedance
ground path. Remove the ground plane from the area near
the input pins to reduce stray capacitance.
Use chip capacitors for supply bypassing (see Figure 58). Connect
one end to the ground plane and the other within ⅛ inch of
each power pin. Connect an additional large tantalum
electrolytic capacitor (4.7 µF to 10 µF) in parallel, but not
necessarily so close, to supply current for fast, large signal
changes at the output.
Locate the feedback resistor close to the inverting input pin
to keep the stray capacitance at this node to a minimum.
Capacitance variations of less than 1 pF at the inverting input
significantly affects high speed performance.
Use stripline design techniques for long signal traces (greater than
about 1 inch). Design these with a characteristic impedance of
50 Ω or 75 Ω and ensure they are properly terminated at each
end.
Table 4 and Table 5 show the recommended component values.
RF
RBT
IN
–VS
+VS
RS
RT
RG
OUT
Figure 57. Inverting Configuration
C1
0.1µF
C3
10µF
C2
0.1µF
C4
10µF
+VS
–VS
Figure 58. Supply Bypassing
RF
RBT
IN
–VS
+VS
RT
RG
OUT
RC
Figure 59. Noninverting Configuration
Table 4. AD8002AR (SOIC) Recommended Component Values1
Component
Gain
Unit
−10
−2
−1
+1
+2
+10
+100
RF
499
499
549
953
681
499
1000
Ω
RG
49.9
249
549
N/A
681
54.9
10
Ω
RBT (Nominal)
49.9
49.9
49.9
49.9
49.9
49.9
49.9
Ω
RC2
N/A
N/A
N/A
75
75
0
0
Ω
RS
49.9
49.9
49.9
N/A
N/A
N/A
N/A
Ω
RT (Nominal)
N/A
61.9
54.9
49.9
49.9
49.9
49.9
Ω
Small Signal Bandwidth
250
410
410
600
500
170
17
MHz
0.1 dB Flatness
50
100
100
35
90
24
3
MHz
1
N/A means not applicable
2
RC is recommended to reduce peaking, and minimizes input reflections at frequencies above 300 MHz. However, RC is not required.
Table 5. AD8002ARM (MSOP) Recommended Component Values1
Component
Gain
Unit
−10
−2
−1
+1
+2
+10
+100
RF
499
499
590
1000
681
499
1000
Ω
RG
49.9
249
590
N/A
681
54.9
10
Ω
RBT (Nominal)
49.9
49.9
49.9
49.9
49.9
49.9
49.9
Ω
RC2
N/A
N/A
N/A
75
75
0
0
Ω
RS
49.9
49.9
49.9
N/A
N/A
N/A
N/A
Ω
RT (Nominal)
N/A
61.9
49.9
49.9
49.9
49.9
49.9
Ω
Small Signal Bandwidth
270
400
410
600
450
170
19
MHz
0.1 dB Flatness
60
100
100
35
70
35
3
MHz
1
N/A means not applicable
2
RC is recommended to reduce peaking, and minimizes input reflections at frequencies above 300 MHz. However, RC is not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com