Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8057ART-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8057ART-R2
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8057ART-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8057ART-R2 Datasheet HTML 6Page - Analog Devices AD8057ART-R2 Datasheet HTML 7Page - Analog Devices AD8057ART-R2 Datasheet HTML 8Page - Analog Devices AD8057ART-R2 Datasheet HTML 9Page - Analog Devices AD8057ART-R2 Datasheet HTML 10Page - Analog Devices AD8057ART-R2 Datasheet HTML 11Page - Analog Devices AD8057ART-R2 Datasheet HTML 12Page - Analog Devices AD8057ART-R2 Datasheet HTML 13Page - Analog Devices AD8057ART-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD8057/AD8058
Data Sheet
FREQUENCY (MHz)
0
–10
–70
–60
0.1
100
10
1
–20
–30
–50
–40
Figure 30. CMRR vs. Frequency
200mV/
DIV
20ns/DIV
1.8V
VS = ±2.5V
R1 = 1kΩ
G = +4
INPUT SIGNAL = 0.6V
OUTPUT SIGNAL 1.7V
Figure 31. Output Overload Recovery, VS = ±2.5 V
500mV/
DIV
20ns/DIV
4.5V
VS = ±5V
R1 = 1kΩ
G = +4
Figure 32. Output Overload Recovery, VS = ±5.0 V
FREQUENCY (MHz)
0
–20
–120
0.1
–60
–80
–100
–40
SIDE B DRIVEN
SIDE A DRIVEN
1
10
100
Figure 33. Crosstalk (Output-to-Output) vs. Frequency
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (Degrees)
VS = ±5.0V
RL = 150Ω
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
0.14
0.12
0.10
0.06
0.02
0.08
0.04
0
–0.02
VS = ± 5.0V
RL = 150Ω
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th 11th
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (Degrees)
VS = ±5.0V
RL = 1kΩ
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
0.14
0.12
0.10
0.06
0.02
0.08
0.04
0
–0.02
VS = ±5.0V
RL = 1kΩ
Figure 34. Differential Gain and Differential Phase One Back Terminated
Load (150 Ω) (Video Op Amps Only)
Rev. E | Page 10 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com