Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290GP Datasheet(PDF) 2 Page - Analog Devices

Part # OP290GP
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290GP Datasheet(HTML) 2 Page - Analog Devices

  OP290GP Datasheet HTML 1Page - Analog Devices OP290GP Datasheet HTML 2Page - Analog Devices OP290GP Datasheet HTML 3Page - Analog Devices OP290GP Datasheet HTML 4Page - Analog Devices OP290GP Datasheet HTML 5Page - Analog Devices OP290GP Datasheet HTML 6Page - Analog Devices OP290GP Datasheet HTML 7Page - Analog Devices OP290GP Datasheet HTML 8Page - Analog Devices OP290GP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
OP290
Rev. C | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Pin Connections ............................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ........................................................................ 9
Battery-Powered Applications .....................................................9
Input Voltage Protection ..............................................................9
Single-Supply Output Voltage Range..........................................9
Applications Information .............................................................. 10
Temperature to 4 mA to 20 mA Transmitter.......................... 10
Variable Slew Rate Filter............................................................ 11
Low Overhead Voltage Reference ............................................ 11
Outline Dimensions ....................................................................... 12
Ordering Guide .......................................................................... 12
REVISION HISTORY
4/09—Rev. B to Rev. C
Updated Format..................................................................Universal
Changes to Features Section and Figure 2..................................... 1
Changes to Input Voltage Range, Vs = ±5 V Parameter,
Table 1 ................................................................................................ 3
Changes to Figure 7 and Figure 8................................................... 6
Deleted Figure 2; Renumbered Sequentially................................. 7
Changes to Figure 9.......................................................................... 7
Changed Applications Information Heading to Theory of
Operation........................................................................................... 9
Changes to Figure 19........................................................................ 9
Changed Applications Heading to Applications Information.. 10
Changes to Temperature to 4 mA to 20 mA Transmitter Section,
Figure 20, and Table 5 .................................................................... 10
Changes to Figure 21 and Figure 22............................................. 11
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 12
12/03—Rev. A to Rev. B
Deleted OP290E and OP290F...........................................Universal
Replaced Pin Connections with PDIP............................................1
Deleted Electrical Characteristics ...................................................3
Changes to Absolute Maximum Ratings........................................4
Changes to Ordering Guide .............................................................4
Changes to TPC 6..............................................................................5
Change to Single Supply Output Voltage Range ...........................7
Changes to Figure 5...........................................................................8
Changes to Figure 6...........................................................................9
Change to Low Overhead Voltage Reference ................................9
Updated Outline Dimensions....................................................... 10
1/02—Rev. 0 to Rev. A
Edits to Ordering Information ........................................................1
Edits to Pin Connections..................................................................1
Edits to Absolute Maximum Ratings ..............................................2
Edits to Package Type .......................................................................2
Edits to Wafer Test Limits ................................................................5
Edits to Dice Characteristics............................................................5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com