Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8607ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD8607ARMZ
Description  Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8607ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8607ARMZ Datasheet HTML 9Page - Analog Devices AD8607ARMZ Datasheet HTML 10Page - Analog Devices AD8607ARMZ Datasheet HTML 11Page - Analog Devices AD8607ARMZ Datasheet HTML 12Page - Analog Devices AD8607ARMZ Datasheet HTML 13Page - Analog Devices AD8607ARMZ Datasheet HTML 14Page - Analog Devices AD8607ARMZ Datasheet HTML 15Page - Analog Devices AD8607ARMZ Datasheet HTML 16Page - Analog Devices AD8607ARMZ Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
AD8603/AD8607/AD8609
APPLICATIONS
analog.com
Rev. D | 14 of 17
PROXIMITY SENSORS
Proximity sensors can be capacitive or inductive and are used in
a variety of applications. One of the most common applications is
liquid level sensing in tanks. This is particularly popular in pharma-
ceutical environments where a tank must know when to stop filling
or mixing a given liquid. In aerospace applications, these sensors
detect the level of oxygen used to propel engines. Whether in a
combustible environment or not, capacitive sensors generally use
low voltage. The precision and low voltage of the AD8603/AD8607/
AD8609 make the parts an excellent choice for such applications.
COMPOSITE AMPLIFIERS
A composite amplifier can provide a very high gain in applications
where high closed-loop dc gains are needed. The high gain ach-
ieved by the composite amplifier comes at the expense of a loss
in phase margin. Placing a small capacitor, CF, in the feedback in
parallel with R2 (see Figure 45) improves the phase margin. Picking
CF = 50 pF yields a phase margin of about 45° for the values shown
in Figure 45.
Figure 45. High Gain Composite Amplifier
A composite amplifier can be used to optimize dc and ac charac-
teristics. Figure 46 shows an example using the AD8603 and the
AD8541. This circuit offers many advantages. The band-width is
increased substantially, and the input offset voltage and noise of the
AD8541 become insignificant because they are divided by the high
gain of the AD8603.
The circuit in Figure 46 offers high bandwidth (nearly double that of
the AD8603), high output current, and very low power consumption
of less than 100 µA.
Figure 46. Low Power Composite Amplifier
BATTERY-POWERED APPLICATIONS
The AD8603/AD8607/AD8609 are ideal for battery-powered appli-
cations. The parts are tested at 5 V, 3.3 V, 2.7 V, and 1.8 V and are
suitable for various applications whether in single or dual supply.
In addition to their low offset voltage and low input bias, the
AD8603/AD8607/AD8609 have a very low supply current of 40 µA,
making the parts an excellent choice for portable electronics. The
TSOT package allows the AD8603 to be used on smaller board
spaces.
PHOTODIODES
Photodiodes have a wide range of applications from barcode scan-
ners to precision light meters and CAT scanners. The very low
noise and low input bias current of the AD8603/AD8607/AD8609
make the parts very attractive amplifiers for I-V conversion applica-
tions.
Figure 47 shows a simple photodiode circuit. The feedback capaci-
tor helps the circuit maintain stability. The signal band-width can
be increased at the expense of an increase in the total noise; a
low-pass filter can be implemented by a simple RC network at the
output to reduce the noise. The signal bandwidth can be calculated
by ½πR2C2, and the closed-loop bandwidth is the intersection point
of the open-loop gain and the noise gain.
The circuit shown in Figure 47 has a closed-loop bandwidth of
58 kHz and a signal bandwidth of 16 Hz. Increasing C2 to 50 pF
yields a closed-loop bandwidth of 65 kHz, but only 3.2 Hz of signal
bandwidth can be achieved.
Figure 47. Photodiode Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com