Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP290GPZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP290GPZ
Description  Precision, Low Power, Micropower Dual Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP290GPZ Datasheet(HTML) 3 Page - Analog Devices

  OP290GPZ Datasheet HTML 1Page - Analog Devices OP290GPZ Datasheet HTML 2Page - Analog Devices OP290GPZ Datasheet HTML 3Page - Analog Devices OP290GPZ Datasheet HTML 4Page - Analog Devices OP290GPZ Datasheet HTML 5Page - Analog Devices OP290GPZ Datasheet HTML 6Page - Analog Devices OP290GPZ Datasheet HTML 7Page - Analog Devices OP290GPZ Datasheet HTML 8Page - Analog Devices OP290GPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
OP290
Rev. C | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VS = ±1.5 V to ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
OP290G
Unit
Min
Typ
Max
INPUT OFFSET VOLTAGE
V
OS
125
500
μV
INPUT OFFSET CURRENT
I
OS
V
CM = 0 V
0.1
5
nA
INPUT BIAS CURRENT
I
B
V
CM = 0 V
4.0
25
nA
LARGE-SIGNAL VOLTAGE GAIN
A
VO
V
S = ±15 V, VO = ±10 V
R
L = 100 kΩ
400
600
V/mV
R
L = 10 kΩ
200
400
V/mV
R
L = 2 kΩ
100
200
V/mV
V+ = 5 V, V− = 0 V, 1 V < V
O < 4 V
R
L = 100 kΩ
100
250
V/mV
R
L = 10 kΩ
70
140
V/mV
INPUT VOLTAGE RANGE1
IVR
V+ = 5 V, V −= 0 V
0/4
V
V
S = ±5 V
−5/+3.5
V
OUTPUT VOLTAGE SWING
V
O
V
S = ±5 V
R
L = 10 kΩ
±13.5
±14.2
V
R
L = 2 kΩ
±10.5
±11.5
V
V
OH, VOL
V+ = 5 V, V− = 0 V
4.0
4.2
V
R
L = 10 kΩ
10
50
μV
COMMON-MODE REJECTION
CMR
V+ = 5 V, V− = 0 V, 0 V < V
CM < 4 V
80
100
dB
V
S = ±15 V, −15 V < VCM < +13.5 V
90
120
dB
POWER SUPPLY REJECTION RATIO
PSRR
3.2
10
μV/V
SUPPLY CURRENT (ALL AMPLIFIERS)
I
SY
V
S = ±1.5 V
19
30
μA
V
S = ±15 V
25
40
μA
CAPACITIVE LOAD STABILITY
A
V = +1, no oscillations
650
pF
INPUT NOISE VOLTAGE1
e
n p-p
f
O = 0.1 Hz to 10 Hz, VS = ±15 V
3
μV p-p
INPUT RESISTANCE DIFFERENTIAL MODE
R
IN
V
S = ±15 V
30
MΩ
INPUT RESISTANCE COMMON MODE
R
INCM
V
S = ±15 V
20
GΩ
SLEW RATE
SR
A
V = +1, VS = ±15 V
5
12
V/ms
GAIN BANDWIDTH PRODUCT
GBWP
V
S = ±15 V
20
kHz
CHANNEL SEPARATION2
CS
f
O = 10 Hz, VO = 20 V p-p, VS = ±15 V
120
150
dB
1 Guaranteed by CMR test.
2 Guaranteed but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com