Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP292GSZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP292GSZ
Description  Dual/Quad Single-Supply Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP292GSZ Datasheet(HTML) 1 Page - Analog Devices

  OP292GSZ Datasheet HTML 1Page - Analog Devices OP292GSZ Datasheet HTML 2Page - Analog Devices OP292GSZ Datasheet HTML 3Page - Analog Devices OP292GSZ Datasheet HTML 4Page - Analog Devices OP292GSZ Datasheet HTML 5Page - Analog Devices OP292GSZ Datasheet HTML 6Page - Analog Devices OP292GSZ Datasheet HTML 7Page - Analog Devices OP292GSZ Datasheet HTML 8Page - Analog Devices OP292GSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual/Quad Single-Supply
Operational Amplifiers
Data Sheet
OP292/OP492
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1993–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-supply operation: 4.5 V to 33 V
Input common-mode includes ground
Output swings to ground
High slew rate: 3 V/μs
High gain bandwidth: 4 MHz
Low input offset voltage
High open-loop gain
No phase inversion
APPLICATIONS
Disk drives
Mobile phones
Servo controls
Modems and fax machines
Pagers
Power supply monitors and controls
Battery-operated instrumentation
PIN CONFIGURATIONS
OUTA
1
–INA
2
+INA
3
–V
4
+V
8
OUTB
7
–INB
6
+INB
5
OP292
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead Narrow-Body SOIC (S-Suffix)
OUTA 1
–INA 2
+INA 3
+V
4
OUTD
14
–IND
13
+IND
12
–V
11
+INB
5
+INC
10
–INB
6
–INC
9
OUTB
7
OUTC
8
OP492
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead Narrow-Body SOIC (S-Suffix)
GENERAL DESCRIPTION
The OP292/OP492 are low cost, general-purpose dual and quad
operational amplifiers designed for single-supply applications
and are ideal for 5 V systems.
Fabricated on Analog Devices, Inc., CBCMOS process, the
OP292/OP492 series has a PNP input stage that allows the input
voltage range to include ground. A BiCMOS output stage enables
the output to swing to ground while sinking current.
The OP292/OP492 series is unity-gain stable and features an
outstanding combination of speed and performance for single-
or dual-supply operation. The OP292/OP492 provide a high
slew rate, high bandwidth, with open-loop gain exceeding
40,000 and offset voltage under 0.8 mV (OP292) and 1 mV
(OP492). With these combinations of features and low supply
current, the OP292/OP492 series is an excellent choice for
battery-operated applications.
The OP292/OP492 series performance is specified for single- or
dual-supply voltage operation over the extended industrial
temperature range (−40°C to +125°C).


Similar Part No. - OP292GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP292GSZ-REEL1 AD-OP292GSZ-REEL1 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP292GSZ1 AD-OP292GSZ1 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
More results

Similar Description - OP292GSZ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP292 AD-OP292_02 Datasheet
516Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. B
logo
ON Semiconductor
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Analog Devices
OP492GSZ AD-OP492GSZ Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP292 AD-OP292_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
REV. C
OP492 AD-OP492_15 Datasheet
386Kb / 20P
Dual/Quad Single-Supply Operational Amplifiers
Rev. C
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com