Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8058ARM Datasheet(PDF) 8 Page - Analog Devices

Part # AD8058ARM
Description  Low Cost, High Performance Voltage Feedback, 325 MHz Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8058ARM Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8058ARM Datasheet HTML 4Page - Analog Devices AD8058ARM Datasheet HTML 5Page - Analog Devices AD8058ARM Datasheet HTML 6Page - Analog Devices AD8058ARM Datasheet HTML 7Page - Analog Devices AD8058ARM Datasheet HTML 8Page - Analog Devices AD8058ARM Datasheet HTML 9Page - Analog Devices AD8058ARM Datasheet HTML 10Page - Analog Devices AD8058ARM Datasheet HTML 11Page - Analog Devices AD8058ARM Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8057/AD8058
Data Sheet
5V
1V/DIV
–5V
4ns/DIV
Figure 18. Large Signal Step Response G = –1, RL = 1 kΩ ,
See Figure 42 for Test Circuit
FREQUENCY (MHz)
1
1000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +2
G = +10
G = +5
G = +1
Figure 19. Small Signal Frequency Response, VOUT = 0.2 V p-p
FREQUENCY (MHz)
1
1000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = +2
G = +10
G = +1
G = +5
Figure 20. Large Signal Frequency Response, VOUT = 2 V p-p
FREQUENCY (MHz)
1
1000
10
100
5
4
–5
3
2
1
0
–1
–2
–3
–4
G = –2
G = –10
G = –5
G = –1
Figure 21. Large Signal Frequency Response
FREQUENCY (MHz)
1
1000
10
100
0.5
0.4
–0.5
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
VOUT = 0.2V
G = +2
RL = 1.0kΩ
RF = 1.0kΩ
Figure 22. 0.1 dB Flatness G = +2
FREQUENCY (MHz)
1
1000
10
100
–50
–60
–110
–70
–80
–90
–100
THD
SECOND
THIRD
Figure 23. Distortion vs. Frequency, RL = 150 Ω
Rev. E | Page 8 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com