Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP2177ARMZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # OP2177ARMZ-R7
Description  Precision Low Noise, Low Input Bias Current Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP2177ARMZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button OP2177ARMZ-R7 Datasheet HTML 15Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 16Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 17Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 18Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 19Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 20Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 21Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 22Page - Analog Devices OP2177ARMZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
OP1177/OP2177/OP4177
Rev. I | Page 19 of 24
Plugging these values into Equation 1 yields
2
1
MIN
CMRR
where δ is the tolerance of the resistors.
Lower tolerance value resistors result in higher common-mode
rejection (up to the CMRR of the operational amplifier).
Using 5% tolerance resistors, the highest CMRR that can be
guaranteed is 20 dB. Alternatively, using 0.1% tolerance
resistors results in a common-mode rejection ratio of at least
54 dB (assuming that the operational amplifier CMRR ×
54 dB).
With the CMRR of OPx177 at 120 dB minimum, the resistor
match is the limiting factor in most circuits. A trimming resistor
can be used to further improve resistor matching and CMRR of the
difference amplifier circuit.
A HIGH ACCURACY THERMOCOUPLE AMPLIFIER
A thermocouple consists of two dissimilar metal wires placed in
contact. The dissimilar metals produce a voltage
VTC = α(TJ − TR)
where:
TJ is the temperature at the measurement of the hot junction.
TR is the temperature at the cold junction.
α is the Seebeck coefficient specific to the dissimilar metals used
in the thermocouple.
VTC is the thermocouple voltage and becomes larger with
increasing temperature.
Maximum measurement accuracy requires cold junction compen-
sation of the thermocouple. To perform the cold junction
compensation, apply a copper wire short across the terminating
junctions (inside the isothermal block) simulating a 0°C point.
Adjust the output voltage to zero using the R5 trimming resistor,
and remove the copper wire.
The OPx177 is an ideal amplifier for thermocouple circuits
because it has a very low offset voltage, excellent PSRR and
CMRR, and low noise at low frequencies.
It can be used to create a thermocouple circuit with great
linearity. Resistor R1, Resistor R2, and Diode D1, shown in
Figure 64, are mounted in an isothermal block.
V+
7
4
Cu
Cu
TR
TR
D1
D1
ADR293
VCC
C1
2.2µF
R3
47kΩ
10µF
R2
4.02kΩ
R8
1kΩ
R7
80.6kΩ
R6
50Ω
R9
200kΩ
0.1µF
10µF
0.1µF
10µF
V–
10µF
R4
50Ω
R5
100Ω
R1
50Ω
ISOTHERMAL
BLOCK
VTC
TJ
(–)
(+)
6
2
3
OP1177
VOUT
Figure 64. Type K Thermocouple Amplifier Circuit
LOW POWER LINEARIZED RTD
A common application for a single element varying bridge is an
RTD thermometer amplifier, as shown in Figure 65. The excita-
tion is delivered to the bridge by a 2.5 V reference applied at the
top of the bridge.
RTDs may have thermal resistance as high as 0.5°C to 0.8°C
per mW. To minimize errors due to resistor drift, the current
through each leg of the bridge must be kept low. In this circuit,
the amplifier supply current flows through the bridge.
However, at the OPx177 maximum supply current of 600 μA,
the RTD dissipates less than 0.1 mW of power, even at the
highest resistance. Errors due to power dissipation in the bridge
are kept under 0.1°C.
Calibration of the bridge is made at the minimum value of
temperature to be measured by adjusting RP until the output is
zero.
To calibrate the output span, set the full-scale and linearity
potentiometers to midpoint and apply a 500°C temperature to
the sensor or substitute the equivalent 500°C RTD resistance.
Adjust the full-scale potentiometer for a 5 V output. Finally,
apply 250°C or the equivalent RTD resistance and adjust the
linearity potentiometer for 2.5 V output. The circuit achieves
better than ±0.5°C accuracy after adjustment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com