Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP411LS Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3VDP411LS
Description  Digital Video Level Shifter from AC coupled digital video input to a DVI/HDMI transmitter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP411LS Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3VDP411LS Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3VDP411LS Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PS8913A
08/29/07
PI3VDP411LS
Digital Video Level Shifter from AC coupled
digital video input to a DVI/HDMI transmitter
Table 8: HPD Input Characteristics
Symbol
Parameter
Min
Nom
Max
Units
Comments
VIH-HPD
Input High Level
2.0
5.0
5.3
V
Low-speed input changes state on
cable plug/unplug
VIL-HPD
HPD_sink Input
Low Level
0
0.8
V
IIN-HPD
HPD_sink Input
Leakage Current
70
μA
Measured with HPD_sink at VIH-HPD
max and VIL-HPD min
VOH-HPDB
HPD_sink Output
High-Level
2.5
VCC
VVCC = 3.3V ± 10%
VOL-HPDB
HPD_sink Output
Low-Level
0
0.02
V
THPD
HPD_sink to
HPD_source pro-
pogation delay
200
ns
Time from HPD_sink changing state
to HPD_source changing state. In-
cludes HPD_source rise/fall time
TRF-HPDB
HPD_source rise/
fall time
1
20
ns
Time required to transition from VOH-
HPDB to VOL-HPDB or from VOL-HPDB
to VOH-HPDB
Table 9: OE Input and DDC_EN
Symbol
Parameter
Min
Nom
Max
Units
Comments
VIH
Input High Level
2.0
VCC3V
V
TMDS enable input changes state
on cable plug/unplug
VIL
Input Low Level
0
0.8
V
IIN
Input Leakage Current
10
μA
Measured with input at VIH-EN
max and VIL-EN min
Table 10: Termination Resistors
Symbol
Parameter
Min
Nom
Max
Units
Comments
RHPD
HPD_sink input pull-
down resistor.
80K
100k
120K
Ω
Guarantees HPD_sink is LOW when
no display is plugged in.
07-0198



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com