Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1501T-R12 Datasheet(PDF) 2 Page - ECM Electronics Limited.

Part # MF1501T-R12
Description  Axial Molded Choke
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF1501T-R12 Datasheet(HTML) 2 Page - ECM Electronics Limited.

  MF1501T-R12 Datasheet HTML 1Page - ECM Electronics Limited. MF1501T-R12 Datasheet HTML 2Page - ECM Electronics Limited. MF1501T-R12 Datasheet HTML 3Page - ECM Electronics Limited. MF1501T-R12 Datasheet HTML 4Page - ECM Electronics Limited. MF1501T-R12 Datasheet HTML 5Page - ECM Electronics Limited. MF1501T-R12 Datasheet HTML 6Page - ECM Electronics Limited. MF1501T-R12 Datasheet HTML 7Page - ECM Electronics Limited. MF1501T-R12 Datasheet HTML 8Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ECM Axial Molded Choke
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
MF1303 Series
MF1303T-R10
0.10 @25.2 MHz
J,K
40
680
0.08
1380
MF1303T-R12
0.12 @25.2 MHz
J,K
40
640
0.09
1300
MF1303T-R15
0.15 @25.2 MHz
J,K
38
600
0.10
1230
MF1303T-R18
0.18 @25.2 MHz
J,K
35
550
0.12
1120
MF1303T-R22
0.22 @25.2 MHz
J,K
33
510
0.14
1040
MF1303T-R27
0.27 @25.2 MHz
J,K
33
430
0.16
975
MF1303T-R33
0.33 @25.2 MHz
J,K
30
410
0.22
830
MF1303T-R39
0.39 @25.2 MHz
J,K
30
365
0.30
710
MF1303T-R47
0.47 @25.2 MHz
J,K
30
330
0.35
660
MF1303T-R56
0.56 @25.2 MHz
J,K
30
300
0.50
550
MF1303T-R68
0.68 @25.2 MHz
J,K
28
275
0.60
500
MF1303T-R82
0.82 @25.2 MHz
J,K
28
250
0.85
420
MF1303T-1R0
1.0 @25.2 MHz
J,K
25
230
1.00
390
MF1303T-1R2
1.2 @7.96 MHz
J,K
25
150
0.18
620
MF1303T-1R5
1.5 @7.96 MHz
J,K
28
140
0.22
560
MF1303T-1R8
1.8 @7.96 MHz
J,K
30
125
0.30
480
MF1303T-2R2
2.2 @7.96 MHz
J,K
30
115
0.40
415
MF1303T-2R7
2.7 @7.96 MHz
J,K
37
100
0.55
355
MF1303T-3R3
3.3 @7.96 MHz
J,K
45
90
0.85
285
MF1303T-3R9
3.9 @7.96 MHz
J,K
45
80
1.00
263
MF1303T-4R7
4.7 @7.96 MHz
J,K
45
75
1.20
239
MF1303T-5R6
5.6 @7.96 MHz
J,K
50
65
1.80
195
MF1303T-6R8
6.8 @7.96 MHz
J,K
50
60
2.00
185
MF1303T-8R2
8.2 @7.96 MHz
J,K
55
55
2.70
160
MF1303T-100
10 @7.96 MHz
J,K
55
50
3.30
144
MF1303T-120
12 @2.52 MHz
J,K
45
40
2.70
160
MF1303T-150
15 @2.52 MHz
J,K
45
35
2.80
157
MF1303T-180
18 @2.52 MHz
J,K
50
30
3.10
149
MF1303T-220
22 @2.52 MHz
J,K
50
25
3.30
144
MF1303T-270
27 @2.52 MHz
J,K
50
20
3.50
140
MF1303T-330
33 @2.52 MHz
J,K
45
24
3.40
130
MF1303T-390
39 @2.52 MHz
J,K
45
22
3.60
125
MF1303T-470
47 @2.52 MHz
J,K
45
20
4.50
110
MF1303T-560
56 @2.52 MHz
J,K
45
18
5.70
100
MF1303T-680
68 @2.52 MHz
J,K
50
15
6.70
92
MF1303T-820
82 @2.52 MHz
J,K
50
14
7.30
88
MF1303T-101
100 @2.52 MHz
J,K
50
13
8.00
84
MF1303T-121
120 @ 0.796 MHz
J,K
30
12
13.0
66
MF1303T-151
150 @ 0.796 MHz
J,K
30
11
15.0
61
MF1303T-181
180 @ 0.796 MHz
J,K
30
10
17.0
57
MF1303T-221
220 @ 0.796 MHz
J,K
30
9
21.0
52
TOLERANCES J=5%; K= 10%.
** = Test Frequency as specified in ‘L’ column



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com