Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IM1007 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IM1007
Description  HIGH PERFORMANCE MICROSTEPPING DRIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IM1007 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IM1007 Datasheet HTML 1Page - List of Unclassifed Manufacturers IM1007 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV101805
TEMPERATURE
Storage ........................................................–40 to +125° C
Case (Max)**......................................................0 to +70° C
** External heat sink may be required to maintain case temperature.
ELECTRICAL SPECIFICATIONS
Input Voltage*...................................................................................................................................... +24 to +80 Volts
Drive Current Per Phase .............................................................................2 to 10 Amps Peak (Max 7 Amps RMS)
Isolated Inputs ...............................................................Microstep Resolution 1–4, Step Clock, Direction, Enable & Reset
Step Frequency (Max) ..................................................................................................1.8 MHz (10 MHz –HS Option)
Steps per Revolution – 1.8° Motor ............................................... 400, 800, 1000, 1600, 2000, 3200, 5000,
6400, 10000, 12800, 25000, 25600, 50000, 51200
Protection .......................................................................Over Temperature, Over/Under Voltage and All Way Short Circuit
*Includes Motor Back EMF, Power Supply Ripple and High Line Conditions. Recommended Power Supply: ISP300-7.
PIN ASSIGNMENTS
CONNECTOR P1
CONNECTOR P2
PIN
FUNCTION
PIN
FUNCTION
1
Microstep Resolution Select 1
1
Full Step
2
Microstep Resolution Select 2
2
Fault
3
Microstep Resolution Select 3
3
Reduction Adjust
4
Microstep Resolution Select 4
4
Current Adjust
5
Opto Supply
5
Ground
6
Step Clock
6
+V (+24 to +80 VDC)
7
Direction
7
Phase B
8
Reset
8
Phase /B
9
Enable Output
9
Phase A
10 Current Reduction
10 Phase /A
ORDER INFORMATION
Name
Part Number
Microstepping Motor Driver................................... IM1007
High Speed Inputs (10 MHz) ...... add –HS to basic part #
Heat Sink ..................................................................H–1000
Thermal Pad...........................................................TN–1000
10 Pin Terminal Strips (pair) .....................................TS–10
MECHANICAL SPECIFICATIONS
Dimensions in Inches (mm)
����
������
��
��
���
��
��
��
�����
������
�������
�������
�����
�������
����
�������
�����
�������
����������
����������
�����
������
����
�����
�����
������
�����
������
�����
������
�����
������



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com