Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1501T-R22 Datasheet(PDF) 1 Page - ECM Electronics Limited.

Part # MF1501T-R22
Description  Axial Molded Choke
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF1501T-R22 Datasheet(HTML) 1 Page - ECM Electronics Limited.

  MF1501T-R22 Datasheet HTML 1Page - ECM Electronics Limited. MF1501T-R22 Datasheet HTML 2Page - ECM Electronics Limited. MF1501T-R22 Datasheet HTML 3Page - ECM Electronics Limited. MF1501T-R22 Datasheet HTML 4Page - ECM Electronics Limited. MF1501T-R22 Datasheet HTML 5Page - ECM Electronics Limited. MF1501T-R22 Datasheet HTML 6Page - ECM Electronics Limited. MF1501T-R22 Datasheet HTML 7Page - ECM Electronics Limited. MF1501T-R22 Datasheet HTML 8Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ECM Axial Molded Choke
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
§ High Temperature Tolerance
§ High Solvent Resistance
§ Low EMI
§ Typical Reel Size 1500pcs
MF Series
COMPONENT OUTLINE
DIMENSIONS (mm)
TYPE
a
b
c
d
MF1303
2.41
3.35
25.0
0.50
MF1304
3.96
9.53
25.0
0.60
MF1501
4.11
10.41
25.0
0.60
MF1302
4.83
11.18
25.0
0.64
MF1309
6.50
14.50
25.0
0.80
The MF range of encapsulated axial chokes from ECM have been especifically designed to cope with
high current at temperatures up to 125
oC, with minimum ppm / oC losses.
Its physical construction, while not offering complete EMI shielding, generates extremely low magnetic
interference and has a typical degree of coupling at 3
o max. All the components in this range are
hermetically sealed and solvent resistant, conforming to MIL-STD-202F-213B
MARKING BANDS = first significant figure, second significant figure, multiplier, tolerance (%)
Black
Brown
Red
Orange Yellow Green
Blue
Violet
Grey
White
Silver
Gold
Significant
0
1
2
3
4
5
6
7
8
9
-
-
Multiplier
1
10
100
1000
10000
-
-
-
-
-
-
-
Tolerance
-
-
-
-
-
-
-
-
-
-
+/-10% +/- 5%


Similar Part No. - MF1501T-R22

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MF150C06F2 MCC-MF150C06F2 Datasheet
565Kb / 4P
Low Reverse Recovery Loss
More results

Similar Description - MF1501T-R22

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
PIA0603SR15YN SUPERWORLD-PIA0603SR15YN Datasheet
336Kb / 8P
Molded Choke Coil
PIA0624SR10YN SUPERWORLD-PIA0624SR10YN Datasheet
323Kb / 8P
Molded Choke Coil
PIA1004SR15YN SUPERWORLD-PIA1004SR15YN Datasheet
299Kb / 8P
Molded Choke Coil
PIA1005SR36MN SUPERWORLD-PIA1005SR36MN Datasheet
269Kb / 7P
Molded Choke Coil
PIA0402SPR10MN SUPERWORLD-PIA0402SPR10MN Datasheet
273Kb / 6P
Molded Choke Coil
PIA0502SPR15YN SUPERWORLD-PIA0502SPR15YN Datasheet
272Kb / 6P
Molded Choke Coil
PIA0503SR20MN SUPERWORLD-PIA0503SR20MN Datasheet
278Kb / 7P
Molded Choke Coil
PIA0602SR47MN SUPERWORLD-PIA0602SR47MN Datasheet
270Kb / 6P
Molded Choke Coil
PIA1206SP8R2MN SUPERWORLD-PIA1206SP8R2MN Datasheet
203Kb / 6P
Molded Choke Coil
PIA1707SP1R0MN SUPERWORLD-PIA1707SP1R0MN Datasheet
212Kb / 6P
Molded Choke Coil
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com