Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2856/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2856/1
Description  20 (SOLID) AWG Silver Plated Copper
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2856/1 Datasheet(HTML) 1 Page - Alpha Wire

  2856/1 Datasheet HTML 1Page - Alpha Wire 2856/1 Datasheet HTML 2Page - Alpha Wire 2856/1 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 2856/1
Construction
 
Diameters (In)
1) Component 1
1 X 1 HOOKUP
 
a) Conductor
20 (SOLID) AWG Silver Plated Copper
0.032
b) Insulation
0.010" Wall, Nom. PTFE
0.052+/- 0.004
(1) Color(s)
WHITE, BLACK, RED
Applicable Specifications
1) UL
AWM/STYLE 1213
105°C
 
VW-1
 
2) Military
MIL-W-16878/4 (Type E)
200°C / 600 VRMS
3) Other
NEMA HP3-EXBGA
 
Environmental
1) EU Directive 2011/65/EU(RoHS2), EU Directive 2015/863/EU
(RoHS3):
 
All materials used in the manufacture of this part are in compliance
with European Directive 2011/65/EU and the amending Directive
2015/863/EU of 4 June 2015 regarding the restriction of use of
certain hazardous substances in electrical and electronic
equipment.
2) REACH Regulation (EC 1907/2006):
 
This product does not contain Substances of Very High Concern
(SVHC) listed on the European Union's REACH candidate list in
excess of 0.1% mass of the item.
3) California Proposition 65:
This product may contain substances known to the State of
California to cause Cancer or Reproductive Harm, but is exempt
from labeling based on the Consent Judgement. See the Alpha
Wire website for more information.


Similar Part No. - 2856/1

ManufacturerPart #DatasheetDescription
logo
Heyco.
2856 HEYCO-2856 Datasheet
102Kb / 1P
Shorty Bushings
2856 HEYCO-2856 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Adafruit Industries
2856 ADAFRUIT-2856 Datasheet
91Kb / 2P
NeoPixel Ring - 16 x 5050 RGBW LEDs w/ Integrated Drivers - Cool White - ~6000K
logo
List of Unclassifed Man...
28560 ETC2-28560 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
M/A-COM Technology Solu...
28560-DSH-001-B MA-COM-28560-DSH-001-B Datasheet
3Mb / 274P
HDLC Controller
More results

Similar Description - 2856/1

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
14-RB1S00147 E-SWITCH-14-RB1S00147 Datasheet
90Kb / 1P
Silver Plated Copper
14-RB1S00231 E-SWITCH-14-RB1S00231 Datasheet
64Kb / 1P
Silver Plated Copper
14-RB14DE1100 E-SWITCH-14-RB14DE1100 Datasheet
62Kb / 1P
Silver Plated Copper
14-RB141D1121 E-SWITCH-14-RB141D1121 Datasheet
85Kb / 1P
Silver Plated Copper
14-RB141D1000114 E-SWITCH-14-RB141D1000114 Datasheet
89Kb / 1P
Silver Plated Copper
14-RB141D1100246 E-SWITCH-14-RB141D1100246 Datasheet
132Kb / 1P
Silver Plated Copper
14-RB143D1100 E-SWITCH-14-RB143D1100 Datasheet
81Kb / 1P
Silver Plated Copper
14-RSC141D1000117 E-SWITCH-14-RSC141D1000117 Datasheet
87Kb / 1P
Silver Plated Copper
14-RSC141D1000126 E-SWITCH-14-RSC141D1000126 Datasheet
92Kb / 1P
Silver Plated Copper
14-RSC241C1000116 E-SWITCH-14-RSC241C1000116 Datasheet
92Kb / 1P
Silver Plated Copper
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com