Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR100Z Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # LR100Z
Description  GREEN OVAL LAMP LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

LR100Z Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button LR100Z Datasheet HTML 4Page - Seoul Semiconductor LR100Z Datasheet HTML 5Page - Seoul Semiconductor LR100Z Datasheet HTML 6Page - Seoul Semiconductor LR100Z Datasheet HTML 7Page - Seoul Semiconductor LR100Z Datasheet HTML 8Page - Seoul Semiconductor LR100Z Datasheet HTML 9Page - Seoul Semiconductor LR100Z Datasheet HTML 10Page - Seoul Semiconductor LR100Z Datasheet HTML 11Page - Seoul Semiconductor LR100Z Datasheet HTML 12Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080924> Rev. 0.2
Document No. : SSC-QP-7-07-24 (Rev.00)
10. Precaution for Use
1) Storage
• Before opening the package
Avoid the absorption of moisture, we recommended to store Lamp LEDs in a dry
box(or desiccators) with a desiccant . Otherwise, store them in the following environment:
Temperature : 5℃~30℃ Humidity : 50% max.
• After opening the package
a. Soldering should be done right after opening the package(within 24Hrs).
b. Keeping of a fraction
- Sealing
- Temperature : 5 ~ 40℃, Humidity : less than 30%
c. If the package has been opened more than 1week or the color of desiccant changes,
Components should be dried for 10-12hr at 60±5℃
• Any mechanical force or any excess vibration shall not be accepted to apply during cooling
process to normal temp. after soldering.
• Avoid quick cooling
• Leadframes are silver plated SPCC. The silver plate surface may be affected by
environments which contains corrosive substances. Please avoid conditions which may cause
the LEDs to corrode, tarnish or discolor.
2) Lead Forming
• When the lead forming is required before soldering , care must be taken to avoid any bending
and mechanical stress. The stress to the base may damage the LEDs.
• When mounting the LEDs onto a PCB, the holes on the circuit board should be exactly
aligned with the leads of the LEDs.
• It is recommended that tooling made to precisely form and cut the leads to length rather than
rely on hand operating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com