Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW32 Datasheet(PDF) 1 Page - Alpha Wire

Part # SW32
Description  RoHS-Compliant Commencing With 10/1/2004 Production
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

SW32 Datasheet(HTML) 1 Page - Alpha Wire

  SW32 Datasheet HTML 1Page - Alpha Wire SW32 Datasheet HTML 2Page - Alpha Wire SW32 Datasheet HTML 3Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. SW32
Construction
Product
Spiral Wrap Tubing
Material
PTFE
Color
Natural / Black
Flamability
UL VW-1
Dimensions:
Outside Diameter
0.375" +/- 0.010"
Inside Diameter
0.315", Nominal
Wall Thickness
0.030", Nominal
Pitch
0.438",Nominal
Pitch Direction
Right Hand
Applicable Specifications
ASTM-D-3295-01, group 4
UL CCN UZKX2
Environmental
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part are in compliance with EU Directive 2011/65/EU
regarding the restriction of use of certain hazardous substances in electrical and electronic
equipment. Consult Alpha Wire's web site for compliance Date of Manufacture.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the substances listed on the 2010 European Union's REACH
Substance of Very High Concern (SVHC) candidate list in excess of 0.1% mass of the item.


Similar Part No. - SW32

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW3205 SEMIPOWER-SW3205 Datasheet
696Kb / 7P
N-channel MOSFET
logo
ABC Taiwan Electronics ...
SW322510NJL ABC-SW322510NJL Datasheet
648Kb / 8P
WOUND CHIP INDUCTOR
SW322512NJL ABC-SW322512NJL Datasheet
648Kb / 8P
WOUND CHIP INDUCTOR
SW322515NJL ABC-SW322515NJL Datasheet
648Kb / 8P
WOUND CHIP INDUCTOR
SW322518NJL ABC-SW322518NJL Datasheet
648Kb / 8P
WOUND CHIP INDUCTOR
More results

Similar Description - SW32

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74737-0002 MOLEX-74737-0002 Datasheet
266Kb / 2P
RoHS Compliant 1-by-1 SFP Cage
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
GeneSiC Semiconductor, ...
GBJ6B GENESIC-GBJ6B Datasheet
843Kb / 3P
Compliant with RoHS Provisions
GBJ6J GENESIC-GBJ6J Datasheet
842Kb / 3P
Compliant with RoHS Provisions
GBJ10B GENESIC-GBJ10B Datasheet
618Kb / 3P
Compliant with RoHS Provisions
GBJ15B GENESIC-GBJ15B Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ15J GENESIC-GBJ15J Datasheet
847Kb / 3P
Compliant with RoHS Provisions
GBJ20J GENESIC-GBJ20J Datasheet
773Kb / 3P
Compliant with RoHS Provisions
GBJ25B GENESIC-GBJ25B Datasheet
796Kb / 3P
Compliant with RoHS Provisions
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com