Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB0804-153 Datasheet(PDF) 6 Page - ECM Electronics Limited.

Part # PKB0804-153
Description  Radial Leaded Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

PKB0804-153 Datasheet(HTML) 6 Page - ECM Electronics Limited.

  PKB0804-153 Datasheet HTML 1Page - ECM Electronics Limited. PKB0804-153 Datasheet HTML 2Page - ECM Electronics Limited. PKB0804-153 Datasheet HTML 3Page - ECM Electronics Limited. PKB0804-153 Datasheet HTML 4Page - ECM Electronics Limited. PKB0804-153 Datasheet HTML 5Page - ECM Electronics Limited. PKB0804-153 Datasheet HTML 6Page - ECM Electronics Limited. PKB0804-153 Datasheet HTML 7Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ECM Radial Leaded Inductors
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 2
PKB0865-270
27 @2.52 MHz
K
50
0.07
2200
TOLERANCES J=5%; K= 10%.
** = Test Frequency as specified in ‘L’ column
ECM
Part
L
(
µH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
PKB0865 Series continued…
PKB0865-330
33 @2.52 MHz
K
30
0.08
2100
PKB0865-390
39 @2.52 MHz
K
30
0.09
1900
PKB0865-470
47 @2.52 MHz
K
30
0.10
1800
PKB0865-560
56 @2.52 MHz
K
30
0.14
1500
PKB0865-680
68 @2.52 MHz
K
30
0.16
1400
PKB0865-820
82 @2.52 MHz
K
30
0.17
1300
PKB0865-101
100 @2.52 MHz
K
20
0.22
1100
PKB0809 Series
PKB0809-101
100 @0.796 MHz
J
80
4.5
0.50
800
PKB0809-121
120 @0.796 MHz
J
80
4.2
0.50
740
PKB0809-151
150 @0.796 MHz
J
80
3.8
0.60
660
PKB0809-181
180 @0.796 MHz
J
80
3.3
0.80
600
PKB0809-221
220 @0.796 MHz
J
80
2.9
1.00
550
PKB0809-271
270 @0.796 MHz
J
80
2.6
1.20
490
PKB0809-331
330 @0.796 MHz
J
80
2.3
1.50
440
PKB0809-391
390 @0.796 MHz
J
80
2.0
1.80
390
PKB0809-471
470 @0.796 MHz
J
80
1.8
2.00
350
PKB0809-561
560 @0.796 MHz
J
80
1.7
3.00
320
PKB0809-681
680 @0.796 MHz
J
80
1.6
3.00
290
PKB0809-821
820 @0.796 MHz
J
80
1.4
3.30
260
PKB0809-102
1000 @7.96 MHz
J
90
1.3
3.30
220
PKB0809-122
1200 @0.252 MHz
J
90
1.2
3.60
200
PKB0809-152
1500 @0.252 MHz
J
90
1.1
3.90
180
PKB0809-182
1800 @0.252 MHz
J
90
1.0
5.60
160
PKB0809-222
2200 @0.252 MHz
J
90
0.9
6.20
140
PKB0809-272
2700 @0.252 MHz
J
90
0.8
7.50
120
PKB0809-332
3300 @0.252 MHz
J
90
0.7
8.20
110
PKB0809-392
3900 @0.252 MHz
J
90
0.6
9.10
100
PKB0809-472
4700 @0.252 MHz
J
90
0.6
11.00
100
PKB0809-562
5600 @0.252 MHz
J
90
0.5
15.00
90
PKB0809-682
6800 @0.252 MHz
J
90
0.5
20.00
80
PKB0809-822
8200 @0.252 MHz
J
90
0.4
22.00
70
PKB0809-103
10000 @0.079 MHz
J
100
0.4
25.00
65
PKB0809-123
12000 @0.079 MHz
J
100
0.3
27.00
60
PKB0809-153
15000 @0.079 MHz
J
100
0.3
33.00
56
PKB0809-183
18000 @0.079 MHz
J
100
0.3
36.00
52
PKB0809-223
22000 @0.079 MHz
J
100
0.3
42.00
48
PKB0809-273
27000 @0.079 MHz
J
100
0.3
56.00
45



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com