Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C164 Datasheet(PDF) 2 Page - Alpha Wire

Part # C164
Description  RoHS-Compliant Commencing With 5/1/2004 Production
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

C164 Datasheet(HTML) 2 Page - Alpha Wire

  C164 Datasheet HTML 1Page - Alpha Wire C164 Datasheet HTML 2Page - Alpha Wire C164 Datasheet HTML 3Page - Alpha Wire C164 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) EU Directive 2011/65/EU(RoHS2):
All materials used in the manufacture of this part meet the requirements of European Directive
2011/65/EU regarding the restriction of use of certain hazardous substances in electrical and
electronic equipment. No Exemptions are required for RoHS Compliance on this item. Consult
Alpha Wire's web site for RoHS C of C.
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the 16 substances listed on the European Union's REACH
Substance of Very High Concern (SVHC) candidate list in excess of 0.1% mass of the item.
3) California Proposition 65:
The outer surface materials used in the manufacture of this part meet the requirements of
California Proposition 65.
Properties
a) Breaking Strength
25 Lbs. Min.
b) Elongation
40% Max.
c) Finish Weight
15% - 32%
d) Temperature Range
-73°C to 177°C
Other



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com