Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1302T-R22 Datasheet(PDF) 8 Page - ECM Electronics Limited.

Part # MF1302T-R22
Description  Axial Molded Choke
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECM [ECM Electronics Limited.]
Direct Link  http://www.ecmelectronics.co.uk
Logo ECM - ECM Electronics Limited.

MF1302T-R22 Datasheet(HTML) 8 Page - ECM Electronics Limited.

  MF1302T-R22 Datasheet HTML 1Page - ECM Electronics Limited. MF1302T-R22 Datasheet HTML 2Page - ECM Electronics Limited. MF1302T-R22 Datasheet HTML 3Page - ECM Electronics Limited. MF1302T-R22 Datasheet HTML 4Page - ECM Electronics Limited. MF1302T-R22 Datasheet HTML 5Page - ECM Electronics Limited. MF1302T-R22 Datasheet HTML 6Page - ECM Electronics Limited. MF1302T-R22 Datasheet HTML 7Page - ECM Electronics Limited. MF1302T-R22 Datasheet HTML 8Page - ECM Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ECM Axial Molded Choke
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to
discontinue any product or make design changes we believe necessary.
Issue 1
ECM
Part
L
(
µµH)
Tol
%
Q Min.
(**MHz)
SRF
Min.
(MHz)
RDC
MAX
(
Ω)
IDC
IN
(mA)
MF1309 Series Continued…
MF1309T-221
220 @ 0.796 MHz
J,K
80
5.5
5.90
290
MF1309T-271
270 @ 0.796 MHz
J,K
80
5
6.60
275
MF1309T-331
330 @ 0.796 MHz
J,K
75
4.2
7.20
260
MF1309T-391
390 @ 0.796 MHz
J,K
75
3.9
8.60
240
MF1309T-471
470 @ 0.796 MHz
J,K
80
3.6
9.00
235
MF1309T-561
560 @ 0.796 MHz
J,K
80
3.4
9.70
225
MF1309T-681
680 @ 0.796 MHz
J,K
75
3.1
10.0
220
MF1309T-821
820 @ 0.796 MHz
J,K
70
2.6
12.0
200
MF1309T-102
1000 @ 0.796 MHz
J,K
75
2.6
15.0
180
MF1309T-122
1200 @ 0.252 MHz
J,K
60
2.3
18.0
165
MF1309T-152
1500 @ 0.252 MHz
J,K
70
2.1
21.0
150
MF1309T-182
1800 @ 0.252 MHz
J,K
70
2.0
23.0
145
MF1309T-222
2200 @ 0.252 MHz
J,K
75
1.7
26.0
135
MF1309T-272
2700 @ 0.252 MHz
J,K
75
1.4
33.0
120
MF1309T-332
3300 @ 0.252 MHz
J,K
65
1.2
39.0
110
MF1309T-392
3900 @ 0.252 MHz
J,K
65
1.0
44.0
105
MF1309T-472
4700 @ 0.252 MHz
J,K
65
0.9
64.0
85
MF1309T-562
5600 @ 0.252 MHz
J,K
65
0.85
68.0
85
MF1309T-682
6800 @ 0.252 MHz
J,K
60
0.80
70.0
82
MF1309T-822
8200 @ 0.252 MHz
J,K
70
0.75
72.0
80
MF1309T-103
10000 @ 0.252 MHz
J,K
70
0.70
76.0
80
TOLERANCES J=5%; K= 10%; M=20%.
** = Test Frequency as specified in ‘L’ column
Customers specifications also welcome



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com