Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5094A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STW5094A
Description  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STW5094A Datasheet HTML 17Page - STMicroelectronics STW5094A Datasheet HTML 18Page - STMicroelectronics STW5094A Datasheet HTML 19Page - STMicroelectronics STW5094A Datasheet HTML 20Page - STMicroelectronics STW5094A Datasheet HTML 21Page - STMicroelectronics STW5094A Datasheet HTML 22Page - STMicroelectronics STW5094A Datasheet HTML 23Page - STMicroelectronics STW5094A Datasheet HTML 24Page - STMicroelectronics STW5094A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
21/51
STw5094A
Control Register CR17 Functions (Address: 0x11)
(1) significant if SPIM= 0 (bit 2 in CR17)
*: state at power on initialization
X: reserved write 0
Control Register CR18 Functions (Address: 0x12)
*: state at power on initialization
X: reserved write 0
7654
3210
Function
REN
RLM
ROI
RDL
OCE SPIM MSM DSPM
0
1
Remocon Function disabled
*
Remocon Function enabled
0
1
Remocon output in transparent mode
*
Remocon output in latched mode
0
1
REMOUT/OCK output not inverted
*
REMOUT/OCK output inverted
0
1
Remocon detection latch reset by
µP*
Remocon detection latch set by internal logic
0
1
REMOUT/OCK pin used for REMOCON function
*
REMOUT/OCK pin used for Oversampled Clock Out function
(1)
0
1
Audio interface works in I2S or DSP mode
*
Audio interface works in SPI slave mode
0
1
Audio interface works in Slave mode
*
Audio interface works in Master mode
(1)
0
1
Audio interface works in I2S mode
(1) *
Audio interface works in DSP mode
(1)
76
5
4
3
210
Function
VCL
VCE
AMCK_DIV
0
0
1
1
0
1
0
1
VCMHP output voltage is 1.20 V
VCMHP output voltage is 1.35 V
*
VCMHP output voltage is 1.50 V
VCMHP output voltage is 1.65 V
0
1
VCMHP output Disabled
*
VCMHP output Enabled
XX
X
0
0
1
0
1
0
9.5MHz -14MHz
AMCK clock-range
*
14MHz -19MHz
AMCK clock-range
19MHz -28MHz
AMCK clock-range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com