Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4358
Description  28V, 2A Ideal Diode and Load Switch
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4358 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4358 Datasheet HTML 7Page - Analog Devices LTC4358 Datasheet HTML 8Page - Analog Devices LTC4358 Datasheet HTML 9Page - Analog Devices LTC4358 Datasheet HTML 10Page - Analog Devices LTC4358 Datasheet HTML 11Page - Analog Devices LTC4358 Datasheet HTML 12Page - Analog Devices LTC4358 Datasheet HTML 13Page - Analog Devices LTC4358 Datasheet HTML 14Page - Analog Devices LTC4358 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
LT4423
analog.com
Rev. 0
11 of 18
High-Voltage Load Switch with Load Sharing and Undervoltage Lockout
Figure 15 demonstrates a high-voltage load switch and load-sharing application with a precision undervoltage
lockout using an LTC2965 voltage supervisor. Two LT4423s are connected in parallel to the load. The power paths
are enabled only when the 24V input supply is above 20V. If the 24V source is removed, the load is disconnected from
the input.
Figure 15. High-Voltage Load Switch and Load Sharing with UVLO
Layout and Thermal Considerations
The following advice should be considered when laying out a printed circuit board for the LT4423. First, connect the
exposed pad (also connected to IN) to a sufficiently large copper plane for thermal relief. Use Figure 16 to find the
minimum copper area (connected to IN) required to limit junction temperature for a given load current and ambient
temperature.
Figure 16. Minimum Thermal Copper vs Load Current and Ambient Temperature
VIN = 24V
C1
10µF
REF
INH
INL
GND
OUT
VIN
LTC2965
RS
PS
R1
200kΩ
R2
91kΩ
R3
909kΩ
UV RISING THRESHOLD = 20V
UV FALLING THRESHOLD = 18.2V
R1
4.7kΩ
ENABLE
POWER GOOD
TO LOAD
GND
IN
OUT
SHDN
STATUS
LT4423
GND
IN
OUT
SHDN
STATUS
LT4423
TA = 105°C
TA = 90°C
TA = 80°C
TA = 70°C
IN = 12V
TJMAX = 125°C
DIODE CURRENT (A)
1.25
1.50
1.75
2.00
2.25
0.1
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com