Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5C2-R40J Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E5C2-R40J
Description  DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5C2-R40J Datasheet(HTML) 5 Page - Omron Electronics LLC

  E5C2-R40J Datasheet HTML 1Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 2Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 3Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 4Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 5Page - Omron Electronics LLC E5C2-R40J Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Temperature Controller
E5C2
I-9
Precautions
Mounting
Track Mounting (E5C2 with P2CF-08)
When mounting two or more E5C2 models with track-mounting sock-
ets, leave a space of approximately 20 mm on both sides of the sock-
ets where hooks are located.
Flush Mounting
Insert E5C2 into the square hole of the panel and insert an adapter
from the back so that there will be no space between E5C2 and the
panel. Then, secure the E5C2 with a screw.
The P3G-08 can be wired in the same way as the P2CF-08.
Dismounting
If flush mounted, loosen the screw of the adapter and disengage the
hooks for dismounting.
Temperature Setting
Do not turn the temperature setting knob of the E5C2 with excessive
force, otherwise the stopper of the knob may break.
Others
Do not remove the housing of the E5C2, otherwise the housing may
break.
To clean the surface of the E5C2, use a soft cloth wet with neutral
detergent or alcohol. Do not use any organic solvent, such as paint
thinner or benzine, strong acid or strong alkali to clean the surface of
the E5C2, otherwise the surface of the E5C2 will become damaged.
20
P2CF-08
Panel
Hook
Duct
Tightening screw



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com