Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA1702AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # UBA1702AT
Description  Line interrupter driver and ringer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA1702AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button UBA1702AT Datasheet HTML 2Page - NXP Semiconductors UBA1702AT Datasheet HTML 3Page - NXP Semiconductors UBA1702AT Datasheet HTML 4Page - NXP Semiconductors UBA1702AT Datasheet HTML 5Page - NXP Semiconductors UBA1702AT Datasheet HTML 6Page - NXP Semiconductors UBA1702AT Datasheet HTML 7Page - NXP Semiconductors UBA1702AT Datasheet HTML 8Page - NXP Semiconductors UBA1702AT Datasheet HTML 9Page - NXP Semiconductors UBA1702AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Sep 29
6
Philips Semiconductors
Product specification
Line interrupter driver and ringer
UBA1702; UBA1702A
FUNCTIONAL DESCRIPTION
The values given in this functional description are typical
values except when otherwise specified.
Speech part
The speech part consists of three blocks, the switch driver,
the line current management and the mute switch (DMO or
NSA) combined with an adjustable over-voltage (zener)
protection circuit. The reference block, which generates
reference voltages and currents, is also used in the speech
part (see Fig.1) by the mute switch block.
SWITCH DRIVER (PINS SDI, SDO, EHI AND DPI)
UBA1702
The UBA1702 switch driver block is intended to generate
the appropriate signal to drive an external PMOST
interrupter. The source and gate of this PMOST are
respectively connected to SDI and SDO. The electronic
hook switch input (EHI) and the dialling pulse input (DPI)
signals control the state of this PMOST.
The EHI pin is provided with high voltage capability. When
the voltage applied at pin EHI is HIGH, the switch driver
block will start and generate the proper signals to switch on
the external PMOST interrupter.
When the telephone set is equipped with a mechanical
hook switch, pin EHI can be connected directly to the
switch driver input (pin SDI). For electronic hook switch
applications, the EHI pin can be driven by the
microcontroller output.
In some special applications, the EHI pin can be current
driven. In such a case, the current available at SDO to turn
on the PMOST interrupter is approximately 10 times the
EHI input current (providing IEHI <2 µA).
The EHI pin presents an impedance of 250 k
Ω at low input
voltage. When the applied voltage at EHI goes above
approximately 30 V, the EHI input current remains
constant (see Fig.3) so that the EHI impedance increases.
The DPI is designed to switch on or off the external
PMOST interrupter (providing EHI is HIGH). When the
voltage applied at pin DPI is HIGH, the switch driver block
turns off the external PMOST interrupter. When the
voltage applied at pin DPI is LOW, the switch driver block
turns on the external PMOST interrupter.
The external PMOST interrupter is controlled by the
voltage between the switch driver input and output
(pins SDI and SDO).
When the voltage applied at pin EHI is HIGH and the
voltage applied at pin DPI is LOW, the voltage at SDO is
pulled down to a value less than 0.2 V in order to create a
high source-gate voltage (VSG) for the external PMOST.
However, in order to avoid break-down of the external
PMOST, the voltage difference between SDI and SDO is
internally limited to 14 V.
When the voltage applied at pin EHI and the one applied
at pin DPI are both HIGH, pin SDO can be considered as
being connected to pin SDI via a 1.1 M
Ω pull-up resistor
while the impedance between SDI and VEE becomes very
high (a few M
Ω).
When the voltage applied at pin EHI is LOW, whatever the
one applied at DPI is, pin SDO can be considered as being
connected to pin SDI via a 1.1 M
Ω pull-up resistor while
the impedance between SDI and VEE becomes almost
infinite.
Fig.3 EHI input characteristics.
handbook, halfpage
0
100
200
400
80
IEHI
(
µA)
60
20
0
40
MGD178
300
VEHI (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com