Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1244046 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1244046
Description  CA-12P1N8A90DNX - Coupler connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1244046 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1244046 Datasheet HTML 1Page - PHOENIX CONTACT 1244046 Datasheet HTML 2Page - PHOENIX CONTACT 1244046 Datasheet HTML 3Page - PHOENIX CONTACT 1244046 Datasheet HTML 4Page - PHOENIX CONTACT 1244046 Datasheet HTML 5Page - PHOENIX CONTACT 1244046 Datasheet HTML 6Page - PHOENIX CONTACT 1244046 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
Order information:
Order 12 x 1 mm crimp contacts separately
Product properties
Product type
Circular connector (cable-side)
Data management status
Article revision
00
Connector
Insulating body
Note
Order information: Order crimp contacts Ø 1 mm separately
Coding
N
Insulation body material
PA 6.6
Connection method
Crimp connection
Contact switching type
Pin
Application
Signal
Number of positions
12
Direction of rotation
Standard
Connection profile
12
Contact diameter
Signal contacts
1 mm
Litz wire cross-section
Signal contacts min.
0.08 mm²
Litz wire cross-section
Signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Rated voltage Signal contact
48 V AC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Housing
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Type of locking
for standard and SPEEDCON interlock
Pg screw connection
none
Degree of protection (plugged in)
IP67
Thread type
M23
Seal
External cable diameter
3 mm ... 14.5 mm
Seal material
NBR
Environmental and real-life conditions
CA-12P1N8A90DNX - Coupler connector
1244046
https://www.phoenixcontact.com/us/products/1244046
Sep 10, 2024, 4:30 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com