Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1244082 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1244082
Description  CA-07P1N12T008X - Cable connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1244082 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1244082 Datasheet HTML 1Page - PHOENIX CONTACT 1244082 Datasheet HTML 2Page - PHOENIX CONTACT 1244082 Datasheet HTML 3Page - PHOENIX CONTACT 1244082 Datasheet HTML 4Page - PHOENIX CONTACT 1244082 Datasheet HTML 5Page - PHOENIX CONTACT 1244082 Datasheet HTML 6Page - PHOENIX CONTACT 1244082 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Product properties
Product type
Circular connector (cable-side)
Data management status
Article revision
03
Connector
Insulating body
Coding
N
Insulation body material
PBT
Contact material
CuZn
Contact surface material
Ni/Au
Insertion/withdrawal cycles
100
Connection method
Solder connection
Contact switching type
Pin
Application
Signal
Number of positions
7
Direction of rotation
Standard
Connection profile
7
48 V AC
Rated voltage
74 V DC
Rated surge voltage
1.5 kV
Overvoltage category
III
Degree of pollution
3
Contact diameter
Signal contacts
2 mm
Litz wire cross-section
Signal contacts max.
2.5 mm²
Nominal current per signal contact
20 A
Housing
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Type of locking
Screw locking mechanism
Pg screw connection
none
Degree of protection (plugged in)
IP67
Thread type
M23
Seal
External cable diameter
10 mm ... 14.5 mm
Seal material
NBR
Environmental and real-life conditions
CA-07P1N12T008X - Cable connector
1244082
https://www.phoenixcontact.com/us/products/1244082
Sep 10, 2024, 4:28 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com