Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PY291A-25DM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # PY291A-25DM
Description  2K X 8 REPROGRAMMABLE PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PY291A-25DM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  PY291A-25DM Datasheet HTML 1Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 2Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PY291A-25DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Document # EPROM101 REV OR
Revised June 2007
PY291A
2K X 8 REPROGRAMMABLE PROM
DESCRIPTION
The PY291A is a 2Kx8 CMOS PROM. The device is
available in windowed packages which when exposed to
UV light, the memory content in the PROM is erased and
can be reprogrammed. EPROM technology is used in
the memory cells for programming. The EPROM re-
quires a 12.5V for programming. Devices are tested to
insure that performance of the device meets the DC and
AC specification limits after customer programming.
To perform a read operation from the device,
CS
1 is
LOW and CS
2 and CS3 are HIGH. The memory contents
in the address established by the Address pins (A
0 to A10)
will become available on the outputs (O
0 to O7).
The PY291A is available in 24-pin 300 mil Ceramic DIPs
(CERDIP, Windowed and Non-Windowed) and Plastic
DIPs (Non-Windowed).
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
FEATURES
EPROM Technology for reprogramming
High Speed
– 20/25/35/50 ns (Commercial)
– 35/50 ns (Military)
Low Power Operation: 660 mW
Single 5V±10% Power Supply
Windowed devices for reprogramming
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 24-Pin 300 mil DIP
– Windowed CERDIP
– Non-Windowed CERDIP
– Non-Windowed Plastic DIP
DIP (P4, D4, WD1)
Note: Window on WD1 package only


Similar Part No. - PY291A-25DM

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PY20 EDI-PY20 Datasheet
46Kb / 2P
10 AMPERES - HIGH SURGE SINGLE-PHASE, FULL-WAVE BRIDGES HEAT SINK-CHASSIS-P.C. BOARD MOUNTING
PY20F EDI-PY20F Datasheet
50Kb / 2P
12 AMPERES HIGH SURGE TAB TERMINALS SINGLE-PHASE FULL-WAVE BRIDGES HEAT SINK AND CHASSIS MOUNTING
logo
List of Unclassifed Man...
PY2202S ETC2-PY2202S Datasheet
201Kb / 1P
SINGLE COLOR LED
PY2222S ETC2-PY2222S Datasheet
201Kb / 1P
SINGLE COLOR LED
logo
Puya Semiconductor Co.,...
PY25Q40HB PUYA-PY25Q40HB Datasheet
2Mb / 81P
Ultra-Low Power, 4M-bit Serial Multi I/O Flash Memory Datasheet
More results

Similar Description - PY291A-25DM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617 Datasheet
91Kb / 7P
2K x 8 CMOS PROM
March 1997
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
2K x 8 Reprogrammable PROM
October 8, 2002
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
2K x 8 Reprogrammable Registered PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
2K x 8 Reprogrammable PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
32K x 8 Reprogrammable Registered PROM
logo
Intersil Corporation
HM-6617 INTERSIL-HM-6617_04 Datasheet
162Kb / 7P
2K x 8 CMOS PROM
June 2004
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
2K x 8 Reprogrammable Registered PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
2K x 8 Reprogrammable PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
64K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com