Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1753-40CMB Datasheet(PDF) 16 Page - Pyramid Semiconductor Corporation

Part # P1753-40CMB
Description  SINGLE CHIP, 40MHz CMOS MMU/COMBO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1753-40CMB Datasheet(HTML) 16 Page - Pyramid Semiconductor Corporation

Back Button P1753-40CMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 15Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 16Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 17Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 18Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 19Page - Pyramid Semiconductor Corporation P1753-40CMB Datasheet HTML 20Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
PACE1753
Page 16 of 21
Document # MICRO-4 REV D
CASE OUTLINE X:
64 Lead Top Brazed DIP Package, Straight Lead Version (Ordering Code C)
NOTES:
1) Dimensions are in inches.
2) Metric equivalents are given for general information only.
3) Unless otherwise specified, tolerances are .02 (0.5 mm) for two place decimals and .005 (0.13 mm) for three place decimals.
Inches
mm
.002
0.05
.005
0.12
.008
0.20
.010
0.25
.015
0.38
.016
0.40
.018
0.45
.025
0.63
.040
1.01
.050
1.27
.185
4.70
.265
6.73
.470
11.93
.530
13.46
.590
14.98
.620
15.74
.645
16.38
1.550
39.37
1.563
39.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com