Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1753-30QLMB Datasheet(PDF) 19 Page - Pyramid Semiconductor Corporation

Part # P1753-30QLMB
Description  SINGLE CHIP, 40MHz CMOS MMU/COMBO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1753-30QLMB Datasheet(HTML) 19 Page - Pyramid Semiconductor Corporation

Back Button P1753-30QLMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 15Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 16Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 17Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 18Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 19Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 20Page - Pyramid Semiconductor Corporation P1753-30QLMB Datasheet HTML 21Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
PACE1753
Page 19 of 21
Document # MICRO-4 REV D
CASE OUTLINE Y:
68 Lead Quad Pack with Gullwing Leads (Ordering Code QG)
NOTES:
1) Dimensions are in inches.
2) Metric equivalents are given for general information only.
3) Unless otherwise specified, tolerances are .02 (0.5 mm) for two place decimals and .005 (0.13 mm) for three place decimals.
4) Pin 1 indicator can either be rectangle, dot, or triangle at specified location or referenced to the uniquely beveled corner.
5) Corners indicated as notched my be either notched or square (with radius).
6) Case Y is derived from Case U by forming the leads to the shown gullwing configuration.
Inches
mm
.004
0.10
.005
0.12
.008
0.20
.010
0.25
.012
0.30
.015
0.38
.016
0.41
.020
0.50
.024
0.60
.040
1.02
.050
1.27
.100
2.54
.115
2.92
.570
14.48
.800
20.32
.955
24.25
1.010
25.65
1.090
27.68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com