Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1750AE-20QLMB Datasheet(PDF) 16 Page - Pyramid Semiconductor Corporation

Part # P1750AE-20QLMB
Description  SINGLE CHIP, 20MHz to 40MHz, ENHANCED CMOS 16-BIT PROCESSOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1750AE-20QLMB Datasheet(HTML) 16 Page - Pyramid Semiconductor Corporation

Back Button P1750AE-20QLMB Datasheet HTML 12Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 13Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 14Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 15Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 16Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 17Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 18Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 19Page - Pyramid Semiconductor Corporation P1750AE-20QLMB Datasheet HTML 20Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Page 16 of 25
PACE1750AE
Document # MICRO-2 REV G
Case Outline: Pin Grid Array (Case Z)
Terminal
Terminal
Terminal
Terminal
Terminal
Terminal
Number
Symbol
Number
Symbol
Number
Symbol
B1
VCC
L5
DMA EN
D11
AS1
B2
IB14
K5
CON REQ
D10
AS2
C1
IB13
L6
VCC
C11
AS3
C2
IB12
K6
SNEW
C10
IOL2INT
D1
IB11
L7
BUS LOCK
B11
VCC
D2
IB10
K7
BUS GNT
A10
GND
E1
IB9
L8
BUS BUSY
B10
IOL1INT
E2
IB8
K8
M/
IO
A9
USR5INT
F1
GND
L9
D/
I
B9
USR4INT
F2
IB7
K9
R/
W
A8
USR3INT
G1
IB6
L10
GND
B8
USR2INT
G2
IB5
K11
RDYD
A7
USR1INT
H1
IB4
K10
RDYA
B7
USR0INT
H2
IB3
J11
BUS REQ
A6
PWRDN INT
J1
IB2
J10
STRBD
B6
GND
J2
IB1
H11
STRBA
A5
MAJ ER
K1
IB0
H10
CPU CLK
B5
SYSFLT1
L2
GND
G11
AK0
A4
SYSFLT0
K2
UNRCV ER
G10
AK1
B4
EXT ADR ER
L3
TIMER CLK
F11
AK2
A3
MEM PAR ER
K3
NML PWRUP
F10
AK3
B3
MEM PRT ER
L4
RESET
E11
GND
A2
IB15
K4
TRIGO RST
E10
AS0
TERMINAL CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com