Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1750A-30QLMB Datasheet(PDF) 21 Page - Pyramid Semiconductor Corporation

Part # P1750A-30QLMB
Description  SINGLE CHIP, 15MHz to 40MHz, CMOS 16-BIT PROCESSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P1750A-30QLMB Datasheet(HTML) 21 Page - Pyramid Semiconductor Corporation

Back Button P1750A-30QLMB Datasheet HTML 16Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 17Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 18Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 19Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 20Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 21Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 22Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 23Page - Pyramid Semiconductor Corporation P1750A-30QLMB Datasheet HTML 24Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Page 21 of 24
PACE1750A
Document # MICRO-3 Rev. C
CASE OUTLINE U:
68 Lead Quad Pack with Straight Leads (Ordering Code QL)
NOTES:
1) Dimensions are in inches.
2) Metric equivalents are given for general information only.
3) Unless otherwise specified, tolerances are .02 (0.5 mm) for two place decimals and .005 (0.13 mm) for three place decimals.
4) Pin 1 indicator can be either rectangle, dot, or triangle at specified location or referenced to the uniquely beveled corner.
5) Corners indicated as notched may be either notched or square.
Inches
mm
.002
0.05
.004
0.10
.006
0.15
.010
0.25
.012
0.30
.020
0.51
.050
1.27
.100
2.54
.116
2.95
.250
6.40
.560
14.22
.570
14.48
.800
20.32
.955
24.25
1.090
27.69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com