Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDA1321 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # UDA1321
Description  Universal Serial Bus USB Digital-to-Analog Converter DAC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1321 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button UDA1321 Datasheet HTML 17Page - NXP Semiconductors UDA1321 Datasheet HTML 18Page - NXP Semiconductors UDA1321 Datasheet HTML 19Page - NXP Semiconductors UDA1321 Datasheet HTML 20Page - NXP Semiconductors UDA1321 Datasheet HTML 21Page - NXP Semiconductors UDA1321 Datasheet HTML 22Page - NXP Semiconductors UDA1321 Datasheet HTML 23Page - NXP Semiconductors UDA1321 Datasheet HTML 24Page - NXP Semiconductors UDA1321 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1998 Oct 06
21
Philips Semiconductors
Preliminary specification
Universal Serial Bus (USB)
Digital-to-Analog Converter (DAC)
UDA1321
4
ADAC mode register 1
selection ADAC mode register
7
1
digital PLL lock speed
6 and 5
00 = lock after 512 samples
01 = lock after 2048 samples
10 = lock after 4096 samples
11 = lock after 16384 samples
digital PLL lock mode
4
0 = adaptive
1 = fixed
digital PLL mode
3 and 2
00 = adaptive
01 = fixed state 1
10 = fixed state 2
11 = fixed state 3
serial I2S-bus input format
1 and 0
00 = I2S-bus
01 = 16-bit LSB
10 = 18-bit LSB
11 = 20-bit LSB
5
I/O selection register
clipping
7
0 = clipping prevention off
1 = clipping prevention on
I2S-bus usage
6
0 = no I2S-bus used
1=I2S-bus used
4/6 pins I2S-bus (see Section “The
general purpose pins (GP0 to GP5)”)
5
only if I2S-bus is used;
0 = 4 pins I2S-bus
1 = 6 pins I2S-bus
GP4
4
0 = function 1
1 = function 2
(see Tables 7, 8 and 9)
GP3
3
GP2
2
GP1
1
GP0
0
6
GP0 Usage Page if HID selected
7
GP0 Usage if HID selected
8
reserved
9
reserved
A
GP3 Usage Page if HID selected
B
GP3 Usage if HID selected
C
reserved
D
reserved
E
GP4 Usage Page if HID selected
F
GP4 Usage if HID selected
10
reserved
BYTE
(HEX)
REGISTER
NAME
COMMENTS
BIT
VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com