Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3003-FS Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS3003-FS
Description  Precision Low-voltage Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3003-FS Datasheet(HTML) 8 Page - Cirrus Logic

  CS3003-FS Datasheet HTML 1Page - Cirrus Logic CS3003-FS Datasheet HTML 2Page - Cirrus Logic CS3003-FS Datasheet HTML 3Page - Cirrus Logic CS3003-FS Datasheet HTML 4Page - Cirrus Logic CS3003-FS Datasheet HTML 5Page - Cirrus Logic CS3003-FS Datasheet HTML 6Page - Cirrus Logic CS3003-FS Datasheet HTML 7Page - Cirrus Logic CS3003-FS Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CS3003
8
DS735F1
4. ORDERING INFORMATION
5. ENVIRONMENTAL, MANUFACTURING, & HANDLING INFORMATION
* MSL (Moisture Sensitivity Level) as specified by IPC/JEDEC J-STD-020.
6. REVISION HISTORY
Part #
Temperature Range
Package Description
CS3003-FS
-40 °C to +125 °C
8-lead SOIC
CS3003-FSZ
-40 °C to +125 °C
8-lead SOIC, Lead Free
CS3003-FNZ*
-40 °C to +125 °C
8-lead QFN, Lead Free
* Connect thermal die pad to V-.
Model Number
Peak Reflow Temp
MSL Rating*
Max Floor Life
CS3003-FS
240 °C
2365 Days
CS3003-FSZ
260 °C
CS3003-FNZ
Revision
Date
Changes
A0
JAN 2007
Initial Release.
A1
FEB 2007
Corrected diagram on p1.
F1
AUG 2007
Updated to “Final” per QPL process.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com