Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDA1330ATS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UDA1330ATS
Description  Low-cost stereo filter DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1330ATS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UDA1330ATS Datasheet HTML 13Page - NXP Semiconductors UDA1330ATS Datasheet HTML 14Page - NXP Semiconductors UDA1330ATS Datasheet HTML 15Page - NXP Semiconductors UDA1330ATS Datasheet HTML 16Page - NXP Semiconductors UDA1330ATS Datasheet HTML 17Page - NXP Semiconductors UDA1330ATS Datasheet HTML 18Page - NXP Semiconductors UDA1330ATS Datasheet HTML 19Page - NXP Semiconductors UDA1330ATS Datasheet HTML 20Page - NXP Semiconductors UDA1330ATS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2000 Apr 18
17
Philips Semiconductors
Preliminary specification
Low-cost stereo filter DAC
UDA1330ATS
APPLICATION INFORMATION
Fig.9 Application diagram.
handbook, full pagewidth
MGL403
47
Ω
R1
UDA1330ATS
6
SYSCLK
system
clock
1
BCK
2
WS
3
DATAI
14
VOUTL
R4
100
Ω
R5
10 k
Ω
16
VOUTR
R6
100
Ω
R7
10 k
Ω
7
APPSEL
10
APPL1
9
APPL2
8
APPL3
11
APPL0
47
µF
(16 V)
C3
47
µF
(16 V)
C2
left
output
right
output
12
Vref(DAC)
C4
47
µF
(16 V)
C7
100 nF
(63 V)
4
5
VDDD
VSSD
R3
1
Ω
digital
supply voltage
C6
15
13
VSSA
VDDA
R2
1
Ω
C1
100
µF
(16 V)
C5
100 nF
(63 V)
100 nF
(63 V)
analog
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com