Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDA1334ATS Datasheet(PDF) 17 Page - NXP Semiconductors

Part # UDA1334ATS
Description  Low power audio DAC with PLL
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UDA1334ATS Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button UDA1334ATS Datasheet HTML 13Page - NXP Semiconductors UDA1334ATS Datasheet HTML 14Page - NXP Semiconductors UDA1334ATS Datasheet HTML 15Page - NXP Semiconductors UDA1334ATS Datasheet HTML 16Page - NXP Semiconductors UDA1334ATS Datasheet HTML 17Page - NXP Semiconductors UDA1334ATS Datasheet HTML 18Page - NXP Semiconductors UDA1334ATS Datasheet HTML 19Page - NXP Semiconductors UDA1334ATS Datasheet HTML 20Page - NXP Semiconductors UDA1334ATS Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
2000 Jul 31
17
Philips Semiconductors
Product specification
Low power audio DAC with PLL
UDA1334ATS
16 PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.15
0.00
1.4
1.2
0.32
0.20
0.25
0.13
5.30
5.10
4.5
4.3
0.65
6.6
6.2
0.65
0.45
0.48
0.18
10
0
o
o
0.13
0.2
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.20 mm maximum per side are not included.
0.75
0.45
1.0
SOT369-1
MO-152
95-02-04
99-12-27
w M
θ
A
A1
A2
b p
D
y
HE
L p
Q
detail X
E
Z
e
c
L
v M A
X
(A )
3
A
0.25
18
16
9
pin 1 index
0
2.5
5 mm
scale
SSOP16: plastic shrink small outline package; 16 leads; body width 4.4 mm
SOT369-1
A
max.
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com