Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTC3600S Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC3600S
Description  EPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER APPLICATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3600S Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC3600S Datasheet HTML 1Page - KEC(Korea Electronics) KTC3600S Datasheet HTML 2Page - KEC(Korea Electronics) KTC3600S Datasheet HTML 3Page - KEC(Korea Electronics) KTC3600S Datasheet HTML 4Page - KEC(Korea Electronics) KTC3600S Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2007. 8. 22
2/5
KTC3600S
Revision No : 0
COLLECTOR CURRENT I
(mA)
h
- I
FE
C
COLLECTOR CURRENT I
(mA)
C
C
200
100
50
30
10
30
20
10
3
1
300
TYPICAL CHARACTERISTICS (Ta=25 C)
Ta=25 C
C
COLLECTOR CURRENT I
(mA)
f
- I
TC
0.1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
, C
- V
ob
re
CB
0.3
0.5
1
3
5
10
f=1MHz
Cre
Cob
0.1
0.3
0.5
1
3
5
13
5
10
30
0
6
10
S
- I
2le
C
2
COLLECTOR CURRENT I
(mA)
NF - I
C
C
0
1
2
3
4
5
50
30
10
5
1
70
25
7
50
Ta=25 C
VCE=8V
7
4
2
12
8
Ta=25 C
VCE=8V
13
5
10
30
0
6
10
7
4
2
12
8
Ta=25 C
VCE=8V
f=2GHz
FREQUENCY f (GHz)
S
- f
2le
2
0.1
0.2
0.3
0.7
3
0
15
25
0.5
10
5
30
20
Ta=25 C
VCE=8V
IC=20mA
2
1
20
7
3
2
Ta=25 C
VCE=8V
f=2GHz
f=1G
Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com