Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA732 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MA732
Description  14-Bit, Digital, Contactless Angle Sensor with ABZ Incremental & PWM Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MA732 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MA732 Datasheet HTML 17Page - Monolithic Power Systems MA732 Datasheet HTML 18Page - Monolithic Power Systems MA732 Datasheet HTML 19Page - Monolithic Power Systems MA732 Datasheet HTML 20Page - Monolithic Power Systems MA732 Datasheet HTML 21Page - Monolithic Power Systems MA732 Datasheet HTML 22Page - Monolithic Power Systems MA732 Datasheet HTML 23Page - Monolithic Power Systems MA732 Datasheet HTML 24Page - Monolithic Power Systems MA732 Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MA732 – 14-BIT, DIGITAL ANGLE SENSOR WITH ABZ & PWM OUTPUTS
MA732 Rev. 1.1
MonolithicPower.com
21
8/8/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Figure 22: Relationship between the Error
Measured with BCT = 0 and the Magnet Ratio k
Sensor Orientation
The dot marked on the package shows whether
the radial field is aligned with the sensor
coordinate X or Y (see Figure 23).
Figure 23: Package Top View with X and Y Axes
Determine which axis needs to be reduced (see
the qualitative field distribution around a ring in
Figure 19). For instance, Figure 23 shows an
arrangement in which the field along the sensor
Y direction is tangential and weaker. The X-axis
should be reduced (ETX = 1 and ETY = 0). Note
that if both ETX and ETY are set to 1, the current
bias is reduced in both directions the same way
(i.e. without side-shaft correction) (see Table
14).
Table 14: Trimming Direction Parameters
ETX
Enable Trimming of the X-Axis
0
Disabled
1
Enabled
ETY
Enable Trimming of the Y-Axis
0
Disabled
1
Enabled
Magnetic Field Thresholds
The magnetic flags (MGL and MGH) indicate
that the magnetic field at the sensor position is
out of the range defined by the lower (MGLT)
and upper magnetic field thresholds (MGHT)
(see Figure 24).
Figure 24: MGH and MGL Signals as a Function
of the Field Strength
MagHys, the typical hysteresis on the signals
MGH and MGL, is 6mT. The MGLT and MGHT
thresholds are coded on 3 bits and stored in
register 6 (see Table 15).
Table 15: Register 6
Register 6
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MGLT
MGHT
-
-
The 3-bit values of MGLT and MGHT correspond
to the magnetic field (see Table 16).
Table 16: MGLT and MGHT Binary to mT
Relationship
MGLT or
MGHT (8)
Field Threshold in mT (7)
From Low to
High Magnetic
Field
From High to
Low Magnetic
Field
000
26
20
001
41
35
010
56
50
011
70
64
100
84
78
101
98
92
110
112
106
111
126
120
Notes:
7)
Valid for VDD = 3.3V. If different, then the field threshold is
scaled by the factor VDD/3.3V.
8)
MGLT can have a larger value than MGHT.
The alarm flags MGL and MGH can be read in
register 27 (bit 6 and 7), and their logic state is
also given at digital output pins 11 and 16.
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
30
35
40
E (deg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com