Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6543 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6543
Description  12V, 2A, Three-Phase Power Stage
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6543 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6543 Datasheet HTML 8Page - Monolithic Power Systems MP6543 Datasheet HTML 9Page - Monolithic Power Systems MP6543 Datasheet HTML 10Page - Monolithic Power Systems MP6543 Datasheet HTML 11Page - Monolithic Power Systems MP6543 Datasheet HTML 12Page - Monolithic Power Systems MP6543 Datasheet HTML 13Page - Monolithic Power Systems MP6543 Datasheet HTML 14Page - Monolithic Power Systems MP6543 Datasheet HTML 15Page - Monolithic Power Systems MP6543 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP6543 – 12V, 2A, THREE-PHASE POWER STAGE
MP6543 Rev. 1.01
www.MonolithicPower.com
13
1/15/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP6543 is a three-channel half-bridge driver
intended to drive a brushless DC motor.
Input Logic
The MP6543 has logic input pins ENA, ENB, and
ENC, which enable the outputs SA, SB, and SC.
When ENx is low, the corresponding output is
disabled (output is high-impedance), and the
PWM input on that phase is ignored. When ENx
is high, the output is enabled, and the PWM input
controls the state of the output. Table 1.1 shows
the logic truth table.
Table 1.1: Input Logic Truth Table of the MP6543
ENx
PWMx
Sx
H
H
VIN
H
L
GND
L
X
High impedance
The MP6543A has separate inputs to enable the
HS-FETs
and
LS-FETs
of
each
phase
independently. Table 1.2 shows the logic truth
table.
Table 1.2: Input Logic Truth Table of the MP6543A
HSx
LSx
Sx
L
L
High impedance
L
H
GND
H
L
VIN
H
H
High impedance
The MP6543B has three Hall-element inputs,
whose commutation logic is determined by three
Hall-element inputs spaced at 120°. The PWM,
DIR, and nBRAKE inputs control motor speed,
direction, and brake engagement, respectively.
Table 1.3: Input Logic Truth Table of the MP6543B
PWM
nBRAKE
Operation Mode
0
1
PWM chop mode – the load
current decays
0
0
Brake mode – all low-side
gates on
1
1
Selected drivers on
1
0
Brake mode – all low-side
gates on
Table 2: Commutation Table of the MP6543B
(nBRAKE = 1)
Logic Inputs
Motor Terminals
HA
HB
HC
DIR
SA
SB
SC
1
0
1
1
PWM
Z
L
1
0
0
1
Z
PWM
L
1
1
0
1
L
PWM
Z
0
1
0
1
L
Z
PWM
0
1
1
1
Z
L
PWM
0
0
1
1
PWM
L
Z
1
0
1
0
L
Z
PWM
0
0
1
0
L
PWM
Z
0
1
1
0
Z
PWM
L
0
1
0
0
PWM
Z
L
1
1
0
0
PWM
L
Z
1
0
0
0
Z
L
PWM
0
0
0
X
Z
Z
Z
1
1
1
X
Z
Z
Z
Note that the logic inputs have internal weak pull-
down resistors.
nSLEEP Operation
Driving nSLEEP low puts the device into a low-
power sleep state. In this state, all internal
circuits are disabled. All inputs are ignored when
nSLEEP is active low. When waking up from
sleep mode, approximately 1.5ms must pass
before the device responds to inputs. The
nSLEEP input has a weak pull-down resistor.
Current-Sense Amplifiers
The current flowing in each of the three outputs is
sensed by internal current-sensing circuits. An
output pin for each phase sources or sinks a
current that is proportional to the current flowing
in each phase. Note that only current flowing in
the LS-FET is sensed, and that it is sensed in
both the forward and reverse directions.
To convert this current into a voltage (e.g. to
input to an A/D converter), a termination resistor
(RREF) is used as a reference voltage. When
there is no current flowing, the resultant output
will be equal to the reference voltage. When
current is flowing, the voltage is above or below
the reference voltage, determined with Equation
(1):
VSOUT = VREF + (RREF * ILOAD) / 4000
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com