Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK698TV Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTK698TV
Description  N CHANNEL JUNCTION FIELD EFFECT TRANSISTOR CONDENSER MICROPHONE APPLICATION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK698TV Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTK698TV Datasheet HTML 1Page - KEC(Korea Electronics) KTK698TV Datasheet HTML 2Page - KEC(Korea Electronics) KTK698TV Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007. 4. 24
2/3
KTK698TV
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VSUPPLY
1.4
-
5.0
V
Supply Current
ISUPPLY
VSUPPLY=2.0V
70
-
250
A
Input Capacitance
CINPUT
f=1MHz
-
2
-
pF
Voltage Gain
GV
f=1kHz, VSUPPLY=2.0V
11.5
13
14.5
dB
Gain Reduction with Frequency
GV
f=1kHz~100Hz, VSUPPLY=2.0V
-
-
-1.0
dB
Input Impedance
ZINPUT
f=1kHz, VSUPPLY=2.0V
30
-
-
Output Impedance
ZOUTPUT
f=1kHz, VSUPPLY=2.0V
-
-
2.2
Total Harmonic Distortion
THD
f=1kHz, VSUPPLY=2.0V, VIN=20mV
-
0.5
-
%
Output Noise
en
A-Weighted, VSUPPLY=3.0V
-
-97
-
dB
[Ta=25
, RL = 2.2
,CIN=5pF, VSIGNAL = 28mVpp, See Specified AC Test Circuit]
1: GND
2: INPUT
3: OUTPUT
VSUPPLY
VSIGNAL
1: GND
2: INPUT
3: OUTPUT
VSUPPLY
VINPUT
33uF
CIN=5pF
RL=2.2kΩ
DC Parameter Test Circuit
AC Parameter Test Circuit
Note1 : Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note2 : ESD Test Condition is IEC 61000-4-2 Standard which is 330
in series with 150pF
Note3 : Supply Voltage indicates conditions for which the device is intended to be functional, but specific performance is not guaranteed
for guaranteed specifications and the conditions, see the Electrical Characteristics.
Classification
Y (1)
GR (2)
ISUPPLY(
)
70~180
130~250
VSUPPLY(V)
1.4~5.0
1.8~5.0
* ISUPPLY and VSUPPLY Classification



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com