Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRE-1/8 Datasheet(PDF) 1 Page - Festo Corporation.

Part # GRE-1/8
Description  Exhaust air flow control valve
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

GRE-1/8 Datasheet(HTML) 1 Page - Festo Corporation.

  GRE-1/8 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Exhaust air flow control valve
GRE-1/8
Part number: 10351
General operating condition
Data sheet
Feature
Value
Valve function
Sound pressure flow control function
Selection of additional function
with muffler
Pneumatic connection 1
G1/8
Adjusting element
Slotted screw
Type of mounting
Screw-in
Standard nominal flow rate in flow control direction
520 l/min
Standard flow rate 6->0 bar
0 l/min ... 520 l/min
Ambient temperature
-10 °C ... 70 °C
Mounting position
Any
Symbol
00991451
Operating pressure for entire temperature range
0 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Temperature of medium
-10 °C ... 70 °C
Nominal tightening torque
12 Nm
Tolerance for nominal tightening torque
± 20%
Product weight
15 g
Material of screwed plug
Wrought aluminum alloy
Note on materials
RoHS-compliant
Seals material
NBR
Material of adjusting screw
Brass
10/24/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - GRE-1/8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
GRE-1/8-NPT FESTO-GRE-1/8-NPT Datasheet
107Kb / 1P
Exhaust air flow control valve
More results

Similar Description - GRE-1/8

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4616 FESTO-4616 Datasheet
80Kb / 1P
Quick exhaust valve
4/11/22
6753 FESTO-6753 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
6822 FESTO-6822 Datasheet
88Kb / 1P
Quick exhaust valve
4/11/22
9688 FESTO-9688 Datasheet
100Kb / 1P
Quick exhaust valve
4/11/22
9798 FESTO-9798 Datasheet
78Kb / 1P
Quick exhaust valve
4/11/22
9800 FESTO-9800 Datasheet
91Kb / 1P
Quick exhaust valve
4/11/22
547532 FESTO-547532 Datasheet
93Kb / 1P
Quick exhaust valve
4/11/22
547533 FESTO-547533 Datasheet
95Kb / 1P
Quick exhaust valve
4/11/22
548001 FESTO-548001 Datasheet
92Kb / 1P
Quick exhaust valve
4/11/22
548002 FESTO-548002 Datasheet
94Kb / 1P
Quick exhaust valve
4/11/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com