Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX2003GYT Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MPX2003GYT
Description  Up to 140kHz All-in-One Flyback Controller with Integrated Primary Control Circuitry and Secondary Synchronous Rectification Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPX2003GYT Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MPX2003GYT Datasheet HTML 9Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 10Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 11Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 12Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 13Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 14Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 15Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 16Page - Monolithic Power Systems MPX2003GYT Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
MPX2003
– UP TO 140kHz ALL-IN-ONE FLYBACK CONTROLLER
MPX2003 Rev. 1.0
MonolithicPower.com
13
8/5/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS.
VIN = 90VAC to 265VAC, VOUT = 5V, 9V, 15V, or 20V, IOUT = 0A to 3.25A, unless otherwise noted.
Output Voltage Transient Response
VIN = 115VAC, IOUT = 0A
Output Voltage Transient Response
VIN = 230VAC, IOUT = 0A
CH1: VOUT
5V/div.
CH4: IOUT
1A/div.
CH1: VOUT
5V/div.
CH4: IOUT
1A/div.
4s/div.
4s/div.
Output Voltage Transient Response
VIN = 115VAC, IOUT = 3A
Output Voltage Transient Response
VIN = 230VAC, IOUT = 3A
CH1: VOUT
5V/div.
CH4: IOUT
1A/div.
CH1: VOUT
5V/div.
CH4: IOUT
1A/div.
4s/div.
4s/div.
Steady State
VIN = 115VAC, VOUT = 20V, IOUT = 3.25A
Steady State
VIN = 230VAC, VOUT = 20V, IOUT = 3.25A
CH1: VDS
200V/div.
CH2: VCC
10V/div.
CH3: VCS
0.2V/div.
CH4: VCOMP
2V/div.
CH1: VDS
200V/div.
CH2: VCC
10V/div.
CH3: VCS
0.2V/div.
CH4: VCOMP
2V/div.
10µs/div.
10µs/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com