Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4360-KZ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4360-KZ
Description  24-Bit, 192 kHz 6 Channel D/A Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-KZ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4360-KZ Datasheet HTML 17Page - Cirrus Logic CS4360-KZ Datasheet HTML 18Page - Cirrus Logic CS4360-KZ Datasheet HTML 19Page - Cirrus Logic CS4360-KZ Datasheet HTML 20Page - Cirrus Logic CS4360-KZ Datasheet HTML 21Page - Cirrus Logic CS4360-KZ Datasheet HTML 22Page - Cirrus Logic CS4360-KZ Datasheet HTML 23Page - Cirrus Logic CS4360-KZ Datasheet HTML 24Page - Cirrus Logic CS4360-KZ Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
CS4360
DS517F2
21
4. APPLICATIONS
4.1
Sample Rate Range/Operational Mode Select
4.1.1
Stand-Alone Mode
The device operates in one of four operational modes determined by the Mode pins in Stand-alone mode.
Sample rates outside the specified range for each mode are not supported.
4.1.2
Control Port Mode
The device operates in one of three operational modes determined by the FM bits (see section 6.1.4) in
Control Port mode. Sample rates outside the specified range for each mode are not supported.
4.2
System Clocking
The device requires external generation of the master (MCLK), left/right (LRCK) and serial (SCLK) clocks.
The LRCK, defined also as the input sample rate (Fs), must be synchronously derived from the MCLK
according to specified ratios. The specified ratios of MCLK to LRCK, along with several standard audio
sample rates and the required MCLK frequency, are illustrated in Tables 3-5.
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
1024x*
32
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
Table 3. Single-speed Mode Standard Frequencies
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
512x*
64
8.1920
12.2880
16.3840
24.5760
32.7680
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
Table 4. Double-speed Mode Standard Frequencies
M2
M1
Input Sample Rate (FS)MODE
0
0
4 kHz - 50 kHz
Single-Speed (without De-emphasis)
0
1
32 kHz - 48 kHz
Single-Speed (with De-emphasis)
1
0
50 kHz - 100 kHz
Double-Speed
1
1
100 kHz - 200 kHz
Quad-Speed
Table 1. CS4360 Stand-Alone Operational Mode
FM1
FM0
Input Sample Rate (FS)MODE
0
0
4 kHz - 50 kHz
Single-speed
0
1
50 kHz - 100 kHz
Double-speed
1
0
100 kHz - 200 kHz
Quad-speed
1
1
Reserved
Reserved
Table 2. CS4360 Control Port Operational Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com