Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4351 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CDB4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4351 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CDB4351 Datasheet HTML 9Page - Cirrus Logic CDB4351 Datasheet HTML 10Page - Cirrus Logic CDB4351 Datasheet HTML 11Page - Cirrus Logic CDB4351 Datasheet HTML 12Page - Cirrus Logic CDB4351 Datasheet HTML 13Page - Cirrus Logic CDB4351 Datasheet HTML 14Page - Cirrus Logic CDB4351 Datasheet HTML 15Page - Cirrus Logic CDB4351 Datasheet HTML 16Page - Cirrus Logic CDB4351 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DS566F1
13
CS4351
DIGITAL CHARACTERISTICS
POWER AND THERMAL CHARACTERISTICS
Notes:
11. Current consumption increases with increasing FS and increasing MCLK. Typ and Max values are
based on highest FS and highest MCLK. Variance between speed modes is small.
12. IL measured with no external loading on pin 8 (SDA).
13. Power-Down Mode is defined as RES pin = Low with all clock and data lines held static.
14. Valid with the recommended capacitor values on VQ and VBIAS as shown in the typical connection dia-
gram in Section 3.
Parameters
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VL = 3.3 V
VL = 2.5 V
VL = 1.8 V
VIH
VIH
VIH
2.0
1.7
0.65•VL
-
-
-
-
-
-
V
V
V
Low-Level Input Voltage
VL = 3.3 V
VL = 2.5 V
VL = 1.8 V
VIL
VIL
VIL
-
-
-
-
-
-
0.8
0.7
0.33•VL
V
V
V
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Maximum MUTEC Drive Current
-
2
-
mA
MUTEC High-Level Output Voltage
VOH
-VA_H-
V
MUTEC Low-Level Output Voltage
VOL
-0-
V
Parameters
Symbol
Min
Typ
Max
Units
Power Supplies
Power Supply Current
normal operation, VA_H = 12 V
(Note 11)
VA_H = 9 V
VA= 3.3 V
VD= 3.3 V
Interface current (Note 12) VL= 3.3 V
power-down state, all supplies (Note 13)
IA_H
IA_H
IA
ID
IL
Ipd
-
-
-
-
-
-
15
14
6
21
100
200
20
19
8
26
400
-
mA
mA
mA
mA
µA
µA
Power Dissipation (all supplies)
(Note 11)
VA_H = 12 V
normal operation
power-down (Note 13)
VA_H = 9 V
normal operation
power-down (Note 13)
-
-
-
-
270
1
216
1
354
-
285
-
mW
mW
mW
mW
Power Supply Rejection Ratio (Note 14)
(1 kHz)
(60 Hz)
PSRR
-
-
60
60
-
-
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com