Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4352 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4352
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4352 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4352 Datasheet HTML 7Page - Cirrus Logic CS4352 Datasheet HTML 8Page - Cirrus Logic CS4352 Datasheet HTML 9Page - Cirrus Logic CS4352 Datasheet HTML 10Page - Cirrus Logic CS4352 Datasheet HTML 11Page - Cirrus Logic CS4352 Datasheet HTML 12Page - Cirrus Logic CS4352 Datasheet HTML 13Page - Cirrus Logic CS4352 Datasheet HTML 14Page - Cirrus Logic CS4352 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS684F2
11
CS4352
4. APPLICATIONS
4.1
Sample Rate Range/Operational Mode Detect
The device operates in one of three operational modes. The allowed sample rate range in each mode is
auto-detected.
The CS4352 will auto-detect the correct mode when the input sample rate (Fs), defined by the LRCK fre-
quency, falls within one of the ranges illustrated in Table 1. Sample rates outside the specified range for
each mode are not supported.
Table 1. CS4352 Auto-Detect
4.2
System Clocking
The device requires external generation of the master (MCLK), left/right (LRCK) and serial (SCLK) clocks.
The left/right clock, defined also as the input sample rate (Fs), must be synchronously derived from the
MCLK according to specified ratios. The specified ratios of MCLK to LRCK, along with several standard au-
dio sample rates and the required MCLK frequency, are illustrated in Tables 2-4.
Refer to Section 4.3 for the required SCLK timing associated with the selected Digital Interface Format and
to “Switching Specifications - Serial Audio Interface” on page 8 for the maximum allowed clock frequencies.
Table 2. Single-Speed Mode Standard Frequencies
Table 3. Double-Speed Mode Standard Frequencies
Table 4. Quad-Speed Mode Standard Frequencies
Input Sample Rate (FS)
Mode
4 kHz - 54 kHz
Single-Speed Mode
84 kHz - 108 kHz
Double-Speed Mode
170 kHz - 216 kHz
Quad-Speed Mode
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
1024x
32
8.1920
12.2880
16.3840
24.5760
32.7680
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
512x
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
176.4
22.5792
33.8688
45.1584
192
24.5760
36.8640
49.1520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com