Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT-2F2M-U8-R Datasheet(PDF) 2 Page - Eravant

Part # SCT-2F2M-U8-R
Description  2.4 mm (F) to 2.4 mm (M) Coaxial Adapter, Right Angle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SCT-2F2M-U8-R Datasheet(HTML) 2 Page - Eravant

  SCT-2F2M-U8-R Datasheet HTML 1Page - Eravant SCT-2F2M-U8-R Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCT-2F2M-U8-R
Rev. 1.1
www.sagemillimeter.com | 3043 Kashiwa Street, Torrance, CA 90505
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: sales@sagemillimeter.com
Page | 2
2.4 mm (F) to 2.4 mm (M) Coaxial Adapter, Right Angle
Copyright © 2019 by SAGE Millimeter, Inc.
Mechanical Outline: (Unless otherwise specified, all dimensions are in inches [millimeters])
Note:
• All data presented is collected from a sample lot. Actual data may vary unit to unit.
• All testing was performed under +25˚C case temperature.
• SAGE Millimeter, Inc. reserves the right to change the information presented without notice.
Caution:
• Proper torque, 8.0 ± 0.15 inch-pounds (0.90 ± 0.02 Nm), should be applied. SAGE Millimeter
torque wrench, model SCH-08008-U3, is highly recommended.
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
40
Frequency (GHz)
Typical Performance vs. Frequency
Insertion Loss
Return Loss



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com