Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 87 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 87 Page - Cirrus Logic

Back Button CS4525_07 Datasheet HTML 83Page - Cirrus Logic CS4525_07 Datasheet HTML 84Page - Cirrus Logic CS4525_07 Datasheet HTML 85Page - Cirrus Logic CS4525_07 Datasheet HTML 86Page - Cirrus Logic CS4525_07 Datasheet HTML 87Page - Cirrus Logic CS4525_07 Datasheet HTML 88Page - Cirrus Logic CS4525_07 Datasheet HTML 89Page - Cirrus Logic CS4525_07 Datasheet HTML 90Page - Cirrus Logic CS4525_07 Datasheet HTML 91Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 98 page
background image
DS726PP1
87
CS4525
9.17 Limiter Configuration 2 (Address 5Dh)
9.17.1 Limiter Release Rate (RRate[5:0])
Default = 111111
Function:
Sets the rate at which the limiter releases the digital attenuation from levels below the minimum setting in
the limiter threshold register.
The limiter release rate is a function of the sampling frequency, Fs, and the soft and zero cross setting.
9.18 Limiter Configuration 3 (Address 5Eh)
9.18.1 Enable Thermal Limiter (EnThLim)
Default = 0
Function:
When set, enables the thermal limiter function. The thermal limiter function adds an additional -3dB of at-
tenuation to the min and max settings of the peak signal limiter the first time a thermal warning is detected
after the thermal limiter function has been enabled. For more details, see the “Thermal Limiter” section on
page 39.
9.18.2 Limiter Attack Rate (ARate[5:0])
Default = 000000
Function:
Sets the rate at which the limiter attenuates the analog output from levels above the maximum setting in
the limiter threshold register. The limiter attack rate is a function of the sampling frequency, Fs, and the
soft and zero cross setting.
7
6
5
432
10
Reserved
Reserved
RRate5
RRate4
RRate3
RRate2
RRate1
RRate0
RRate[5:0] Setting
Limiter Release Rate
000000 ................................Fastest release.
...................................
111111..................................Slowest release.
7
6
5
432
10
EnThLim
Reserved
ARate5
ARate4
ARate3
ARate2
ARate1
ARate0
EnThLim Setting
Thermal Limiter State
0 ..........................................Thermal limiter disabled.
1 ..........................................Thermal limiter enabled.
ARate[5:0] Setting
Limiter Attack Rate
00000 ..................................Fastest attack.
...................................
11111....................................Slowest attack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com