Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5345 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5345
Description  104 dB, 24-Bit, 192 kHz Stereo Audio ADC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5345 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5345_07 Datasheet HTML 28Page - Cirrus Logic CS5345_07 Datasheet HTML 29Page - Cirrus Logic CS5345_07 Datasheet HTML 30Page - Cirrus Logic CS5345_07 Datasheet HTML 31Page - Cirrus Logic CS5345_07 Datasheet HTML 32Page - Cirrus Logic CS5345_07 Datasheet HTML 33Page - Cirrus Logic CS5345_07 Datasheet HTML 34Page - Cirrus Logic CS5345_07 Datasheet HTML 35Page - Cirrus Logic CS5345_07 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
32
DS658F2
CS5345
6.3
ADC Control - Address 04h
6.3.1
Functional Mode (Bits 7:6)
Function:
Selects the required range of sample rates.
6.3.2
Digital Interface Format (Bit 4)
Function:
The required relationship between LRCK, SCLK and SDOUT is defined by the Digital Interface Format
bit. The options are detailed in Table 7 and may be seen in Figure 3 and Figure 4.
6.3.3
Mute (Bit 2)
Function:
When this bit is set, the serial audio output of the both channels is muted.
6.3.4
High-Pass Filter Freeze (Bit 1)
Function:
When this bit is set, the internal high-pass filter is disabled.The current DC offset value will be frozen and
continue to be subtracted from the conversion result. See “High-Pass Filter and DC Offset Calibration” on
page 24.
6.3.5
Master / Slave Mode (Bit 0)
Function:
This bit selects either master or slave operation for the serial audio port. Setting this bit selects Master
Mode, while clearing this bit selects Slave Mode.
76
543
21
0
FM1
FM0
Reserved
DIF
Reserved
Mute
HPFFreeze
M/S
FM1
FM0
Mode
0
0
Single-Speed Mode: 4 to 50 kHz sample rates
0
1
Double-Speed Mode: 50 to 100 kHz sample rates
1
0
Quad-Speed Mode: 100 to 200 kHz sample rates
11
Reserved
Table 6. Functional Mode Selection
DIF
Description
Format
Figure
0
Left-Justified, up to 24-bit data (default)
0
3
1
I²S, up to 24-bit data
1
4
Table 7. Digital Interface Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com